Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAP3001A Datasheet(PDF) 10 Page - Micronas

Part # CAP3001A
Description  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 10 Page - Micronas

Back Button CAP3001A Datasheet HTML 6Page - Micronas CAP3001A Datasheet HTML 7Page - Micronas CAP3001A Datasheet HTML 8Page - Micronas CAP3001A Datasheet HTML 9Page - Micronas CAP3001A Datasheet HTML 10Page - Micronas CAP3001A Datasheet HTML 11Page - Micronas CAP3001A Datasheet HTML 12Page - Micronas CAP3001A Datasheet HTML 13Page - Micronas CAP3001A Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
10
Fig. 2–7: Overall response TAPE/AUX channel
3
0
*3
02
8
12
16
18
4
6
10
14
19 kHz
dB
f
gain
Fig. 2–8: Overall MPX response sum channel
3
0
*3
0
f
2
8
12
16
18
4
6
10
14
19 kHz
gain
dB
Fig. 2–9: ARI/RDS bandpass characteristic
0
*50
*100
0
50
100 kHz
f
gain
dB


Similar Part No. - CAP3001A

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
   Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Similar Description - CAP3001A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
   Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
   3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
   3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
   3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com