Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT26-51B Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # PT26-51B
Description  1.6mm Round Subminiature Side Looking Phototransiator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT26-51B Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  PT26-51B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT26-51B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT26-51B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT26-51B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT26-51B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT26-51B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT26-51B Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT26-51B Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT26-51B Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 5 of 10
Device No:DTT-026-269
Prepared date:03-06-2007
Prepared by:Posen
Hsu
10
10
0
10
10
10
25
50
75
100
PT26-51B/TR8
Typical Electro-Optical Characteristics Curves
Fig.5 Collector Dark Current vs.
Fig.6 Collector Current vs.
Ambient Temperature
Collector-Emitter Voltage
0
01
2
3
7
4
1
2
3
4
5
6


Similar Part No. - PT26-51B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT26-51B-TR8 EVERLIGHT-PT26-51B-TR8 Datasheet
191Kb / 10P
   1.6mm Round Subminiature Side Looking Phototransiator
More results

Similar Description - PT26-51B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT26-51B-TR8 EVERLIGHT-PT26-51B-TR8 Datasheet
191Kb / 10P
   1.6mm Round Subminiature Side Looking Phototransiator
IR26-71C-L302-TR8 EVERLIGHT-IR26-71C-L302-TR8 Datasheet
194Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-71C-L302-TR8 EVERLIGHT-IR26-71C-L302-TR8_15 Datasheet
242Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
EAISV3026A1 EVERLIGHT-EAISV3026A1 Datasheet
554Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
EAIST3216A2 EVERLIGHT-EAIST3216A2 Datasheet
633Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-51C-L110-TR8 EVERLIGHT-IR26-51C-L110-TR8 Datasheet
183Kb / 10P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-51C EVERLIGHT-IR26-51C Datasheet
177Kb / 10P
   1.6mm round Subminiature Side Looking Infrared LED
EAISV3026A0 EVERLIGHT-EAISV3026A0 Datasheet
675Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
EAISV3024A0 EVERLIGHT-EAISV3024A0 Datasheet
429Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
IR26-51C-L110-TR8 EVERLIGHT-IR26-51C-L110-TR8_15 Datasheet
319Kb / 9P
   1.6mm round Subminiature Side Looking Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com