Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT26-21B Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # PT26-21B
Description  0.8mm Height Flat Top Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT26-21B Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button PT26-21B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT26-21B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT26-21B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT26-21B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT26-21B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT26-21B Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT26-21B Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT26-21B Datasheet HTML 9Page - Everlight Electronics Co., Ltd PT26-21B Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 8 of 10
Device No:DTT-026-168
Prepared date:07-25-2005
Prepared by:jaine tsai
PT26-21B/TR8
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
REFLOW Soldering TEMP.:260℃±5℃
5secs
6Mins
22pcs
0/1
2
Temperature Cycle H : +100℃
15mins
5mins
L : -40℃
15mins
50Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
50Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-40℃
1000hrs
22pcs
0/1
6
DC Operating Life
VCE=5V
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IC(ON)≦L×0.8
L:Lower
Specification
Limit
0/1


Similar Part No. - PT26-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT26-21B-TR8 EVERLIGHT-PT26-21B-TR8 Datasheet
204Kb / 10P
   0.8mm Height Flat Top Phototransistor
More results

Similar Description - PT26-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT26-21C-TR8 EVERLIGHT-PT26-21C-TR8 Datasheet
207Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21C EVERLIGHT-PT19-21C Datasheet
200Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B-TR8 EVERLIGHT-PT26-21B-TR8 Datasheet
204Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21C-L41-TR8 EVERLIGHT-PT19-21C-L41-TR8 Datasheet
206Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21B-L41-TR8 EVERLIGHT-PT19-21B-L41-TR8 Datasheet
281Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21C EVERLIGHT-PT26-21C Datasheet
201Kb / 10P
   0.8mm Height Flat Top Phototransistor
17-215UBC EVERLIGHT-17-215UBC Datasheet
158Kb / 9P
   0.8mm Height Flat Top LED
logo
TAITRON Components Inco...
TSP1-XF1608H8A4 TAITRON-TSP1-XF1608H8A4 Datasheet
567Kb / 7P
   0.8mm Height Flat Top LED
logo
Everlight Electronics C...
24-21UBC EVERLIGHT-24-21UBC Datasheet
156Kb / 9P
   0.8mm Height Flat Top LED
logo
TAITRON Components Inco...
TSP1-FF1608H8E2 TAITRON-TSP1-FF1608H8E2 Datasheet
565Kb / 7P
   0.8mm Height Flat Top LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com