Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD70-01B Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # PD70-01B
Description  Silicon Planar PIN Photodiode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD70-01B Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button PD70-01B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD70-01B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD70-01B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD70-01B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD70-01B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD70-01B Datasheet HTML 7Page - Everlight Electronics Co., Ltd PD70-01B Datasheet HTML 8Page - Everlight Electronics Co., Ltd PD70-01B Datasheet HTML 9Page - Everlight Electronics Co., Ltd PD70-01B Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 7 of 10
Device No:DTD-700-082
Prepared date:07-20-2005
Prepared by:JAINE TSAI
PD70-01B/TR7
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 280℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is
unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.


Similar Part No. - PD70-01B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD70-01B-TR10 EVERLIGHT-PD70-01B-TR10 Datasheet
213Kb / 10P
   Silicon Planar PIN Photodiode
PD70-01B-TR7 EVERLIGHT-PD70-01B-TR7 Datasheet
210Kb / 10P
   Silicon Planar PIN Photodiode
PD70-01B/TR10 EVERLIGHT-PD70-01B/TR10 Datasheet
213Kb / 10P
   Silicon Planar PIN Photodiode
More results

Similar Description - PD70-01B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD70-01B-TR10 EVERLIGHT-PD70-01B-TR10 Datasheet
213Kb / 10P
   Silicon Planar PIN Photodiode
EAPDSZ4439A3 EVERLIGHT-EAPDSZ4439A3 Datasheet
468Kb / 8P
   Silicon Planar PIN Photodiode
EAPDSZ4439A2 EVERLIGHT-EAPDSZ4439A2 Datasheet
369Kb / 8P
   Silicon Planar PIN Photodiode
PD70-01C-TR7 EVERLIGHT-PD70-01C-TR7 Datasheet
214Kb / 10P
   Silicon Planar PIN Photodiode
PD70-01C EVERLIGHT-PD70-01C Datasheet
209Kb / 10P
   Silicon Planar PIN Photodiode
PD70-01C-TR10 EVERLIGHT-PD70-01C-TR10 Datasheet
181Kb / 10P
   Silicon Planar PIN Photodiode
EAPDSZ4439A4 EVERLIGHT-EAPDSZ4439A4 Datasheet
430Kb / 8P
   Silicon Planar PIN Photodiode
EAPDSZ4439A1 EVERLIGHT-EAPDSZ4439A1 Datasheet
400Kb / 8P
   Silicon Planar PIN Photodiode
PD70-01B-TR7 EVERLIGHT-PD70-01B-TR7 Datasheet
210Kb / 10P
   Silicon Planar PIN Photodiode
EAPDSZ4439A0 EVERLIGHT-EAPDSZ4439A0 Datasheet
499Kb / 9P
   Silicon Planar PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com