Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD438B-C1 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # PD438B-C1
Description  4.8mm Semi-Lens Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD438B-C1 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  PD438B-C1 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD438B-C1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD438B-C1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD438B-C1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD438B-C1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD438B-C1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD438B-C1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 4 of 7
Device No:DPD-043-003
Prepared date:07-20-2005
Prepared by:Jaine Tsai
1
20
10
100
40
60
VR=10V
80
100
1000
0
0.2
0.4
0.6
0.8
1.0
Ta=25
600 700
800 900 1000 1100 1200
O
C
1
0.5
0
10
20
30
40
1.5
2
3
VR
=5V
0
-25
50
100
150
25
0
50
200
75 85 100
PD438B/C1
Typical Electro-Optical Characteristics Curves
Fig.1 Power Dissipation vs.
Fig.2 Spectral Sensitivity
Ambient Temperature
Fig.3 Dark Current vs.
Fig. 4 Reverse Light Current vs.
Ambient Temperature
Ee


Similar Part No. - PD438B-C1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD438B-C2 EVERLIGHT-PD438B-C2 Datasheet
124Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
More results

Similar Description - PD438B-C1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD438C-S46 EVERLIGHT-PD438C-S46 Datasheet
121Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
EAPDLP04SCAA3 EVERLIGHT-EAPDLP04SCAA3 Datasheet
302Kb / 8P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438B EVERLIGHT-PD438B Datasheet
125Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
EAPDLP04SCAA5 EVERLIGHT-EAPDLP04SCAA5 Datasheet
390Kb / 9P
   4.8mm Semi-Lens Silicon PIN Photodiode
EAPDLP04SCAA1 EVERLIGHT-EAPDLP04SCAA1 Datasheet
359Kb / 8P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438B-S46 EVERLIGHT-PD438B-S46 Datasheet
121Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438C EVERLIGHT-PD438C Datasheet
120Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
EAPDLP04SCAA4 EVERLIGHT-EAPDLP04SCAA4 Datasheet
349Kb / 8P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438B-C2 EVERLIGHT-PD438B-C2 Datasheet
124Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
PD438B-L1 EVERLIGHT-PD438B-L1_05 Datasheet
126Kb / 7P
   4.8mm Semi-Lens Silicon PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com