Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD438C-S46 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part No. PD438C-S46
Description  4.8mm Semi-Lens Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

PD438C-S46 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 7
Device No:DPD-043-061
Prepared date:07-20-2005
Prepared by:Jaine Tsai
Technical Data Sheet
4.8mm Semi-Lens Silicon PIN Photodiode
PD438C/S46
Features
․Fast response times
․High photo sensitivity
․Small junction capacitance
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
PD438C/S46 is a high speed and sensitive PIN photodiode in a flat side
view plastic package. Due to its water clear epoxy the device is sensitive
to visible and infrared radiation.
Applications
․High speed photo detector
․Camera
․Optoelectronic switch
․VCRs , Video camera
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
PD
Silicon
Water clear


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn