Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD438C-S46 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. PD438C-S46
Description  4.8mm Semi-Lens Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

PD438C-S46 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 5 of 7
Device No:DPD-043-061
Prepared date:07-20-2005
Prepared by:Jaine Tsai
10
60
20
0
0.1
40
1
80
100
f=1MHZ
VR=3V
2
10
-2
10
1
-3
10
10
10
2
-1
10
Ta=25
VR=10V
10
0
1
C
O
10
3
10
4
10
5
PD438C/S46
Typical Electro-Optical Characteristics Curves
Fig.5 Terminal Capacitance vs.
Fig.6 Response Time vs.
Reverse Voltage
Load Resistance


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn