Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD438C-S46 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part No. PD438C-S46
Description  4.8mm Semi-Lens Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

PD438C-S46 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 4 of 7
Device No:DPD-043-061
Prepared date:07-20-2005
Prepared by:Jaine Tsai
0
-25
50
100
150
25
0
50
200
75 85 100
1
20
10
100
40
60
VR=10V
80
100
1000
1
0.5
0
10
20
30
40
1.5
2
3
VR
=5V
0
0.2
0.4
0.6
0.8
1.0
Ta=25
100 300
500 700 900
1100 1300
O
C
PD438C/S46
Typical Electro-Optical Characteristics Curves
Fig.1 Power Dissipation vs.
Fig.2 Spectral Sensitivity
Ambient Temperature
Fig.3 Dark Current vs.
Fig. 4 Reverse Light Current vs.
Ambient Temperature
Ee


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn