Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMS320F2810 Datasheet(PDF) 17 Page - Texas Instruments

Part No. TMS320F2810
Description  Digital Signal Processors
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2810 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320F2810_08 Datasheet HTML 13Page - Texas Instruments TMS320F2810_08 Datasheet HTML 14Page - Texas Instruments TMS320F2810_08 Datasheet HTML 15Page - Texas Instruments TMS320F2810_08 Datasheet HTML 16Page - Texas Instruments TMS320F2810_08 Datasheet HTML 17Page - Texas Instruments TMS320F2810_08 Datasheet HTML 18Page - Texas Instruments TMS320F2810_08 Datasheet HTML 19Page - Texas Instruments TMS320F2810_08 Datasheet HTML 20Page - Texas Instruments TMS320F2810_08 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 173 page
background image
Introduction
17
April 2001 − Revised July 2007
SPRS174O
2.4
Signal Descriptions
Table 2−2 specifies the signals on the F281x and C281x devices. All digital inputs are TTL-compatible. All
outputs are 3.3 V with CMOS levels. Inputs are not 5-V tolerant. A 100-
µA (or 20-µA) pullup/pulldown is used.
Table 2−2. Signal Descriptions
PIN NO.
§
NAME
179-PING
HH
176-PINP
GF
128-PINP
BK
I/O/Z‡
PU/PD§
DESCRIPTION
XINTF SIGNALS (2812 ONLY)
XA[18]
D7
158
O/Z
XA[17]
B7
156
O/Z
XA[16]
A8
152
O/Z
XA[15]
B9
148
O/Z
XA[14]
A10
144
O/Z
XA[13]
E10
141
O/Z
XA[12]
C11
138
O/Z
XA[11]
A14
132
O/Z
XA[10]
C12
130
O/Z
XA[9]
D14
125
O/Z
19-bit XINTF Address Bus
XA[8]
E12
121
O/Z
19-bit XINTF Address Bus
XA[7]
F12
118
O/Z
XA[6]
G14
111
O/Z
XA[5]
H13
108
O/Z
XA[4]
J12
103
O/Z
XA[3]
M11
85
O/Z
XA[2]
N10
80
O/Z
XA[1]
M2
43
O/Z
XA[0]
G5
18
O/Z
XD[15]
A9
147
I/O/Z
PU
XD[14]
B11
139
I/O/Z
PU
XD[13]
J10
97
I/O/Z
PU
XD[12]
L14
96
I/O/Z
PU
XD[11]
N9
74
I/O/Z
PU
XD[10]
L9
73
I/O/Z
PU
XD[9]
M8
68
I/O/Z
PU
XD[8]
P7
65
I/O/Z
PU
16-bit XINTF Data Bus
XD[7]
L5
54
I/O/Z
PU
16-bit XINTF Data Bus
XD[6]
L3
39
I/O/Z
PU
XD[5]
J5
36
I/O/Z
PU
XD[4]
K3
33
I/O/Z
PU
XD[3]
J3
30
I/O/Z
PU
XD[2]
H5
27
I/O/Z
PU
XD[1]
H3
24
I/O/Z
PU
XD[0]
G3
21
I/O/Z
PU
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown. Pullup/pulldown strength is given in Section 6.3. The pullups/pulldowns are enabled
in boundary scan mode.


Similar Part No. - TMS320F2810_08

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TMS320F2810 TI-TMS320F2810_07 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2810_08

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz