Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMS320F2810 Datasheet(PDF) 93 Page - Texas Instruments

Part No. TMS320F2810
Description  Digital Signal Processors
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2810 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320F2810_08 Datasheet HTML 89Page - Texas Instruments TMS320F2810_08 Datasheet HTML 90Page - Texas Instruments TMS320F2810_08 Datasheet HTML 91Page - Texas Instruments TMS320F2810_08 Datasheet HTML 92Page - Texas Instruments TMS320F2810_08 Datasheet HTML 93Page - Texas Instruments TMS320F2810_08 Datasheet HTML 94Page - Texas Instruments TMS320F2810_08 Datasheet HTML 95Page - Texas Instruments TMS320F2810_08 Datasheet HTML 96Page - Texas Instruments TMS320F2810_08 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 173 page
background image
Electrical Specifications
93
April 2001 − Revised July 2007
SPRS174O
6.3
Electrical Characteristics Over Recommended Operating Conditions
(Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = IOHMAX
2.4
V
VOH
High-level output voltage
IOH = 50 µA
VDDIO − 0.2
V
VOL
Low-level output voltage
IOL = IOLMAX
0.4
V
VOL
Low-level output voltage
IOL = IOLMAX
0.4
V
Input
With pullup
VDDIO = 3.3 V, VIN = 0 V
−80
−140
−190
IIL†
Input
current
With pullup
VDDIO = 3.3 V, VIN = 0 V
−80
−140
−190
A
IIL†
current
(low level)
With pulldown
VDDIO = 3.3 V, VIN = 0 V
±2
µA
IIL‡
Input
current
With pullup
VDDIO = 3.3 V,
VIN = 0 V
All I/Os§ (including XRS)
except EVB
−80
−140
−190
A
IIL‡
Input
current
(low level)
With pullup
DDIO
VIN = 0 V
GPIOB/EVB
−13
−25
−35
µA
(low level)
With pulldown
VDDIO = 3.3 V, VIN = 0 V
±2
Input
current
With pullup
VDDIO = 3.3 V, VIN = VDD
±2
IIH
Input
current
(high level)
With pulldown¶
VDDIO = 3.3 V,
28
50
80
µA
IIH
current
(high level)
With pulldown¶
VDDIO = 3.3 V,
VIN = VDD
28
50
80
µA
IOZ
Leakage current (for pins
without internal PU/PD),
high-impedance state
(off-state)
VO = VDDIO or 0 V
±2
µA
Ci
Input capacitance
2
pF
Co
Output capacitance
3
pF
† Applicable to C281x devices
‡ Applicable to F281x devices
§ The following pins have no internal PU/PD: GPIOE0, GPIOE1, GPIOF0, GPIOF1, GPIOF2, GPIOF3, GPIOF12, GPIOG4, and GPIOG5.
¶ The following pins have an internal pulldown: XMP/MC, TESTSEL, and TRST.


Similar Part No. - TMS320F2810_08

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TMS320F2810 TI-TMS320F2810_07 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2810_08

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz