Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMS320F2810 Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS320F2810
Description  Digital Signal Processors
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2810 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320F2810_08 Datasheet HTML 58Page - Texas Instruments TMS320F2810_08 Datasheet HTML 59Page - Texas Instruments TMS320F2810_08 Datasheet HTML 60Page - Texas Instruments TMS320F2810_08 Datasheet HTML 61Page - Texas Instruments TMS320F2810_08 Datasheet HTML 62Page - Texas Instruments TMS320F2810_08 Datasheet HTML 63Page - Texas Instruments TMS320F2810_08 Datasheet HTML 64Page - Texas Instruments TMS320F2810_08 Datasheet HTML 65Page - Texas Instruments TMS320F2810_08 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 173 page
background image
Peripherals
62
April 2001 − Revised July 2007
SPRS174O
GPTCONA(12:4), CAPCONA(8), EXTCONA[0]
EVATO ADC (Internal)
Timer 1 Compare
Output
Logic
T1PWM_T1CMP
GPTCONA(1,0)
T1CON(1)
GP Timer 1
TCLKINA
Prescaler
HSPCLK
T1CON(10:8)
T1CON(5,4)
clock
Full Compare 1
Full Compare 2
Full Compare 3
SVPWM
State
Machine
Dead-
Band
Logic
Output
Logic
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
T1CON(15:11,6,3,2)
TDIRA
dir
Timer 2 Compare
GP Timer 2
Capture Units
COMCONA(15:5,2:0)
T1CTRIP/PDPINTA, T2CTRIP, C1TRIP, C2TRIP, C3TRIP
Output
Logic
T2PWM_T2CMP
GPTCONA(3,2)
T2CON(1)
T2CON(15:11,7,6,3,2,0)
ACTRA(15:12),
COMCONA(12),
T1CON(13:11)
CAPCONA(10,9)
DBTCONA(15:0)
ACTRA(11:0)
TCLKINA
Prescaler
HSPCLK
T2CON(10:8)
T2CON(5,4)
clock
dir
CAPCONA(15:12,7:0)
CAP1_QEP1
CAP2_QEP2
CAP3_QEPI1
QEP
Logic
QEPCLK
QEPDIR
reset
EVAENCLK
Control Logic
TDIRA
Index Qual
EXTCONA(1:2)
NOTE A: The EVB module is similar to the EVA module.
EVASOC ADC (External)
Figure 4−3. Event Manager A Functional Block Diagram (See Note A)


Similar Part No. - TMS320F2810_08

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMS320F2810 TI-TMS320F2810_07 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2810_08

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com