Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT1254-6B Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # PT1254-6B
Description  OPTO INTERRUPTER ITR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT1254-6B Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PT1254-6B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT1254-6B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT1254-6B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT1254-6B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT1254-6B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT1254-6B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT1254-6B Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT1254-6B Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
OPTO INTERRUPTER ITR
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 8
Device No:CDRX-990-007
Prepared date:2007/4/8
Prepared by:zhouhong
ITR9904
█ Features
․Fast response time
․High analytic
․Cut-off visible wavelength λp=940nm
․High sensitivity
․This product itself will remain within RoHS compliant version.
█ Descriptions
The ITR9904 consists of an infrared emitting diode
and an NPN silicon phototransistor, encased oblique angle
(45°) on converging optical axis in a black Thermo-plastic
housing. The phototransistor receives radiation from the
IRED only, and avoids the noise from ambient light.
█ Applications
․Copier
․Scanner
․Non-contact Switching
․For Direct PC Board
█ Device Selection Guide
Device No.
Chip Material
LENS COLOR
IR1254-R8
GaAs
Blue
PT1254-6B
Silicon
Black


Similar Part No. - PT1254-6B

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PT12 LSTD-PT12 Datasheet
613Kb / 2P
   Strong Lead Attachment
logo
FOTEK CONTROLS CO., LTD...
PT12-01NBE-M12 FOTEK-PT12-01NBE-M12 Datasheet
1Mb / 8P
   Inductive proximity sensor
PT12-01NBK-M12 FOTEK-PT12-01NBK-M12 Datasheet
1Mb / 8P
   Inductive proximity sensor
PT12-01NBS-M12 FOTEK-PT12-01NBS-M12 Datasheet
1Mb / 8P
   Inductive proximity sensor
PT12-01PBE-M12 FOTEK-PT12-01PBE-M12 Datasheet
1Mb / 8P
   Inductive proximity sensor
More results

Similar Description - PT1254-6B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR20508 EVERLIGHT-ITR20508 Datasheet
190Kb / 8P
   OPTO INTERRUPTER ITR
ITR20507 EVERLIGHT-ITR20507 Datasheet
184Kb / 7P
   OPTO INTERRUPTER ITR
ITR20506 EVERLIGHT-ITR20506 Datasheet
186Kb / 7P
   OPTO INTERRUPTER ITR
ITR20403 EVERLIGHT-ITR20403_06 Datasheet
250Kb / 8P
   OPTO INTERRUPTER ITR
ITR8307-L24 EVERLIGHT-ITR8307-L24 Datasheet
258Kb / 9P
   Opto Interrupter ITR
ITR8307-L24-TR8 EVERLIGHT-ITR8307-L24-TR8 Datasheet
324Kb / 10P
   Opto Interrupter ITR
ITR20004 EVERLIGHT-ITR20004 Datasheet
173Kb / 8P
   Opto Interrupter ITR
ITR9907 EVERLIGHT-ITR9907_05 Datasheet
328Kb / 9P
   OPTO INTERRUPTER ITR
ITR20505 EVERLIGHT-ITR20505 Datasheet
251Kb / 8P
   OPTO INTERRUPTER ITR
ITR20402 EVERLIGHT-ITR20402_06 Datasheet
320Kb / 9P
   OPTO INTERRUPTER ITR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com