Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T86 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 14Page - STMicroelectronics M48T86 Datasheet HTML 15Page - STMicroelectronics M48T86 Datasheet HTML 16Page - STMicroelectronics M48T86 Datasheet HTML 17Page - STMicroelectronics M48T86 Datasheet HTML 18Page - STMicroelectronics M48T86 Datasheet HTML 19Page - STMicroelectronics M48T86 Datasheet HTML 20Page - STMicroelectronics M48T86 Datasheet HTML 21Page - STMicroelectronics M48T86 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
M48T86
18/23
Figure 14. Supply Voltage Protection
AI02169
VCC
0.1
µF
DEVICE
VCC
VSS
POWER SUPPLY DECOUPLING
and UNDERSHOOT PROTECTION
ICC transients, including those produced by output
switching, can produce voltage fluctuations, re-
sulting in spikes on the VCC bus. These transients
can be reduced if capacitors are used to store en-
ergy, which stabilizes the VCC bus. The energy
stored in the bypass capacitors will be released as
low going spikes are generated or energy will be
absorbed when overshoots occur. A ceramic by-
pass capacitor value of 0.1µF (as shown in Figure
14) is recommended in order to provide the need-
ed filtering.
In addition to transients that are caused by normal
SRAM operation, power cycling can generate neg-
ative voltage spikes on VCC that drive it to values
below VSS by as much as one Volt. These nega-
tive spikes can cause data corruption in the SRAM
while in battery backup mode. To protect from
these voltage spikes, it is recommended to con-
nect a schottky diode from VCC to VSS (cathode
connected to VCC, anode to VSS). Schottky diode
1N5817 is recommended for through hole and
MBRS120T3 is recommended for surface mount.


Similar Part No. - M48T86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
317Kb / 36P
   5.0 V PC real-time clock
M48T86 STMICROELECTRONICS-M48T86 Datasheet
320Kb / 36P
   5.0 V PC real-time clock
logo
ARTSCHIP ELECTRONICS CO...
M48T86 ARTSCHIP-M48T86 Datasheet
9Mb / 29P
   5.0V PC Real-Time Clock
logo
STMicroelectronics
M48T86MH1 STMICROELECTRONICS-M48T86MH1 Datasheet
317Kb / 36P
   5.0 V PC real-time clock
M48T86MH1E STMICROELECTRONICS-M48T86MH1E Datasheet
317Kb / 36P
   5.0 V PC real-time clock
More results

Similar Description - M48T86

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
logo
ARTSCHIP ELECTRONICS CO...
M48T86 ARTSCHIP-M48T86 Datasheet
9Mb / 29P
   5.0V PC Real-Time Clock
logo
STMicroelectronics
M48T86_0707 STMICROELECTRONICS-M48T86_0707 Datasheet
320Kb / 36P
   5.0 V PC real-time clock
M48T86 STMICROELECTRONICS-M48T86_07 Datasheet
317Kb / 36P
   5.0 V PC real-time clock
logo
Epson Company
RTC-6593 EPSON-RTC-6593 Datasheet
40Kb / 1P
   REAL TIME CLOCK MODULE FOR PC/AT
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com