Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELSS-506SYGWA Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. ELSS-506SYGWA
Description  0.51 Single Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

ELSS-506SYGWA Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
2
Page 5 of 8
Device No: CDGS-506-003
Prepared date: 2006/4/19
Prepared by:
Hong Zhou
ELSS-506SYGWA/S530-E2
■ Reflow Temp. / Time :
■ Soldering Iron :
Basic spec is ≦5 sec when 260℃.If temperature is higher, time should be shorter (+10℃
→ -1sec). Power dissipation of iron should be smaller than 15 W , and temperature should
be controllable. Surface temperature of the device should be under 230 ℃.
■ Rework :
1. Customer must finish rework within 5 sec under 260℃.
2. The head of iron can not touch copper foil.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ELSS-505SYGWA0.51 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-406SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-505SYGWA0.51 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-405SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-506SYGWA0.51 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSF-505SYGWA0.51 Quadruple Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSF-506SYGWA0.51 Quadruple Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-405SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELS-432GWATechnical Data Sheet 0.39 Single Digit Displays 1 2 3 4 5 Everlight Electronics Co., Ltd
ELSD-406SYGWA-S530-E20.39 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn