Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELSS-505SYGWA Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part No. ELSS-505SYGWA
Description  0.51 Single Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

ELSS-505SYGWA Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
2
Page 6 of 8
Device No: CDGS-505-004
Prepared date: 2005/09/20
Prepared by:
Angel Zhang
ELSS-505SYGWA/S530-E2
■ Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO
Item
Test
Conditions
Test
Hours/Cycle
Sample
Size
Failure
Judgment
Criteria
Ac/Re
1
Reflow
Soldering
TEMP:260°C±5°C
Min. 5 SEC
6 Min
22 PCS
0/1
2
Temperature
Cycle
H:+100°C 15min
5min
L:-40°C 15min
300 Cycles
22 PCS
0/1
3
Thermal
Shock
H:+100°C 5min
10 sec
L:-10°C 5min
300 Cycles
22 PCS
0/1
4
High
Temperature
Storage
TEMP:100°C
1000 HRS
22PCS
0/1
5
Low
Temperature
Storage
TEMP:-40°C
1000 HRS
22 PCS
0/1
6
DC Operating
Life
TEMP:25°C
If=10mA
1000 HRS
22 PCS
0/1
7
High
Temperature /
High
Humidity
85°C / 85% RH
1000 HRS
22 PCS
Iv≦Ivt*0.5
or
VF≧U
or
VF≦L
0/1
Note:Ivt:The test Iv value of the chip before the reliability test
Iv:The test value of the chip that has completed the reliability test
U:Upper Specification Limit
L: Lower Specification Limit


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ELSS-405SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-505SYGWA0.51 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-506SYGWA0.51 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSF-505SYGWA0.51 Quadruple Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSF-506SYGWA0.51 Quadruple Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-405SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-406SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELS-432GWATechnical Data Sheet 0.39 Single Digit Displays 1 2 3 4 5 Everlight Electronics Co., Ltd
ELSD-406SYGWA-S530-E20.39 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-511SYGWA0.56 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn