Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELSS-405SYGWA Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part No. ELSS-405SYGWA
Description  0.39 Single Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

ELSS-405SYGWA Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
1
Page 2 of 8
Device No:CDGS-405-009
Prepared date:
2006/03/16
Prepared by:
Hong Zhou
ELSS-405SYGWA/S530-E2
Package Dimensions
Land Pattern(Recommend)
Notes:
˙All dimensions are in millimeters, tolerance is 0.25mm unless otherwise noted.
˙Above specification may be changed without notice. Supplier will reserve
authority on material change for above specification.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Forward Current
IF
25
mA
Pulse Forward Current
*1
IFP
60
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Reflow Temperature
*2
Tsol
260
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Reverse Voltage
VR
5
V
Notes: *1:IFP Conditions--Pulse Width≦10msec and Duty≦1/10.
*2:Reflow time≦5 seconds.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ELSD-405SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSS-406SYGWA0.39 Single Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELS-432GWATechnical Data Sheet 0.39 Single Digit Displays 1 2 3 4 5 Everlight Electronics Co., Ltd
ELSD-406SYGWA-S530-E20.39 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSF-405SYGWA0.39 Quadruple Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSF-406SYGWA0.39 Quadruple Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-505SYGWA0.51 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-506SYGWA0.51 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-511SYGWA0.56 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
ELSD-512SYGWA0.56 Dual Digit SMD Displays 1 2 3 4 5 MoreEverlight Electronics Co., Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn