Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSD-406SYGWA-S530-E2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELSD-406SYGWA-S530-E2
Description  0.39 Dual Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSD-406SYGWA-S530-E2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELSD-406SYGWA-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSD-406SYGWA-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSD-406SYGWA-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSD-406SYGWA-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSD-406SYGWA-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSD-406SYGWA-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSD-406SYGWA-S530-E2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSD-406SYGWA-S530-E2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
1
Page 2 of 8
Device No:CDGD-406-003
Prepared date:
2005/11/30
Prepared by:
hong zhou
ELSD-406SYGWA/S530-E2
Package Dimensions
Land Pattern(Recommend)
Notes:
․All dimensions are in millimeters, tolerance is 0.25mm unless otherwise noted.
․Above specification may be changed without notice. Supplier will reserve
authority on material change for above specification.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Forward Current
IF
25
mA
Pulse Forward Current
*1
IFP
160
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Reflow Temperature
*2
Tsol
260
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Reverse Voltage
VR
5
V
Notes: *1:IFP Conditions--Pulse Width≦10msec and Duty≦1/10.
*2:Soldering time≦5 seconds.


Similar Part No. - ELSD-406SYGWA-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSD-406SYGWA EVERLIGHT-ELSD-406SYGWA Datasheet
287Kb / 8P
   0.39" Dual Digit SMD Displays
More results

Similar Description - ELSD-406SYGWA-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSD-405SURWA EVERLIGHT-ELSD-405SURWA Datasheet
284Kb / 8P
   0.39" Dual Digit SMD Displays
ELSD-406SYGWA EVERLIGHT-ELSD-406SYGWA Datasheet
287Kb / 8P
   0.39" Dual Digit SMD Displays
ELSD-406SURWA EVERLIGHT-ELSD-406SURWA Datasheet
283Kb / 8P
   0.39" Dual Digit SMD Displays
ELSD-405SYGWA EVERLIGHT-ELSD-405SYGWA Datasheet
188Kb / 8P
   0.39 Single Digit SMD Displays
ELSF-405SYGWA EVERLIGHT-ELSF-405SYGWA Datasheet
211Kb / 8P
   0.39 Quadruple Digit SMD Displays
ELSS-406SYGWA EVERLIGHT-ELSS-406SYGWA Datasheet
168Kb / 8P
   0.39 Single Digit SMD Displays
ELSF-405SURWA EVERLIGHT-ELSF-405SURWA Datasheet
292Kb / 8P
   0.39" Quadruple Digit SMD Displays
ELST-405SYGWA EVERLIGHT-ELST-405SYGWA Datasheet
204Kb / 8P
   0.39 Triple Digit SMD Displays
ELSS-405SYGWA EVERLIGHT-ELSS-405SYGWA Datasheet
172Kb / 8P
   0.39 Single Digit SMD Displays
ELST-405SURWA EVERLIGHT-ELST-405SURWA Datasheet
304Kb / 8P
   0.39" Triple Digit SMD Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com