Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELSD-405SYGWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part No. ELSD-405SYGWA
Description  0.39 Single Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

ELSD-405SYGWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.:3
Page: 1 of 8
Device No.: CDGD-405-005
Prepared date:2007/5/4
Prepared by: Li Jingjing
Technical Data Sheet
0.39" Single Digit SMD Displays
ELSD-405SYGWA/S530-E2
Features
˙Packaged in tape and reel for SMT manufacturing.
˙Design flexibility(common cathode or anode).
˙Categorized for luminous intensity.
˙The thickness is thinness than tradition display.
˙Pb free
˙The product itself will remain with RoHS compliant
version.
Descriptions
˙The SMD type is much smaller than tradition
type components, thus enable smaller board
size, higher packing density, reduced storage space
and finally smaller equipment to be obtained.
Applications
˙Suitable for indoor use.
˙Audio system.
˙Set top box.
˙Game machine.
˙Channel indicator of TV.
Device Selection Guide
Chip
Face Color
Material
Emitted Color
AlGaInP
Brilliant Yellow Green
Gray


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn