Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELSD-405SYGWA Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part No. ELSD-405SYGWA
Description  0.39 Single Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

ELSD-405SYGWA Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.:3
Page: 6 of 8
Device No.: CDGD-405-005
Prepared date:2007/5/4
Prepared by: Li Jingjing
ELSD-405SYGWA/S530-E2
■ Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:97%
LTPD:3%
NO
Item
Test
Conditions
Test
Hours/Cycle
Sample
Size
Failure
Judgment
Criteria
Ac/Re
1
Reflow Heat
TEMP:260°C±5°C
10 SEC
76 PCS
0/1
2
Temperature
Cycle
H:+100°C 15min
5min
L:-40°C 15min
300 CYCLES
76 PCS
0/1
3
Thermal
Shock
H:+100°C 5min
10 sec
L:-10°C 5min
300 CYCLES
76 PCS
0/1
4
High
Temperature
Storage
TEMP:100°C
1000 HRS
76PCS
0/1
5
Low
Temperature
Storage
TEMP:-40°C
1000 HRS
76 PCS
0/1
6
DC Operating
Life
TEMP:25°C
If=10mA
1000 HRS
76 PCS
0/1
7
High
Temperature /
High
Humidity
85°C / 85% RH
1000 HRS
76 PCS
Iv≦Ivt*0.5
or
Vf≧U
or
Vf≦L
0/1
Note:Ivt:The test Iv value of the chip before the reliablility test
Iv:The test value of the chip that has completed the reliablility test
U:Upper Specification Limit
L: Lower Specification Limit


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn