Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4X8ES Datasheet(PDF) 9 Page - Littelfuse

Part # S4X8ES
Description  EV Series 0.8A Sensitive SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4X8ES Datasheet(HTML) 9 Page - Littelfuse

  S4X8ES Datasheet HTML 1Page - Littelfuse S4X8ES Datasheet HTML 2Page - Littelfuse S4X8ES Datasheet HTML 3Page - Littelfuse S4X8ES Datasheet HTML 4Page - Littelfuse S4X8ES Datasheet HTML 5Page - Littelfuse S4X8ES Datasheet HTML 6Page - Littelfuse S4X8ES Datasheet HTML 7Page - Littelfuse S4X8ES Datasheet HTML 8Page - Littelfuse S4X8ES Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
153
www.littelfuse.com
©2008 Littelfuse
Power Thyristor Databook
Teccor® brand Thyristors
Silicon Controlled Rectifiers
SxX8xSx EV Series 0.8A Sensitive SCR
Part Numbering System
CURRENT
X8: 0.8A
SENSITIVITY & TYPE
S1: 5μA Sensitive SCR
S2: 50μA Sensiive SCR
S: 200
μA Sensitive SCR
PACKAGE TYPE
E: TO-92
T: SOT-223
B: SOT-89
PACKING TYPE
SERIES
S: SCR
Blank: Bulk Pack
RP: Reel Pack (TO-92)
Embossed Carrier Pack (SOT-223)
Embossed Carrier Pack (SOT-89)
AP: Ammo Pack (TO-92)
S xX8
VOLTAGE
4: 400V
6: 600V
8: 800V
x xx xx
Date Code
(2 Digits Min.)
Number = Year
Letter = Month
DC
A
G
K
A
A
G
K
Part Marking System
Tape & Reel Specifications for SOT-223
4 mm
8 mm
Ø1.5 mm
13 mm Abor
Hole Diameter
180 mm
13.4 mm
2 mm
12 mm
GATE
CATHODE
ANODE
ANODE
1.75 mm
5.5 mm
DIRECTION OF FEED
Tape & Reel Specifications for SOT-89
4 mm
8 mm
Ø1.5 mm
13 mm Abor
Hole Diameter
180 mm
13.4 mm
2 mm
12 mm
GATE
CATHODE
ANODE
ANODE
1.75 mm
5.5 mm
DIRECTION OF FEED


Similar Part No. - S4X8ES

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4X8ES LITTELFUSE-S4X8ES Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S4X8ES LITTELFUSE-S4X8ES Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8ES LITTELFUSE-S4X8ES Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S4X8ES1 LITTELFUSE-S4X8ES1 Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S4X8ES1 LITTELFUSE-S4X8ES1 Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
More results

Similar Description - S4X8ES

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6X8TS2RP LITTELFUSE-S6X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8BSRP LITTELFUSE-S4X8BSRP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8ESRP LITTELFUSE-S4X8ESRP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8TS2RP LITTELFUSE-S8X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8TS1RP LITTELFUSE-S8X8TS1RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
logo
Micro Electronics
MCR100 MICRO-ELECTRONICS-MCR100 Datasheet
81Kb / 2P
   0.8A SCR
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com