Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-8885V-P Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # IRM-8885V-P
Description  Infrared Remote-control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-8885V-P Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  IRM-8885V-P Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-8885V-P Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-8885V-P Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-8885V-P Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-8885V-P Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-8885V-P Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-8885V-P Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-8885V-P Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-8885V-P Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 4 of 9
Device No:SZDMO-880-012
Prepared date:25-Jan-07
Prepared by:
Huayan.Peng
Carrier frequency is adjusted to
center frequency of each product.
IR TANSMITTER
OUTPUT WAVE FORM
OUTPUT PULSE
OF DEVICE
IRM-8885V-P
Test Method:
The specified electro-optical characteristics is satisfied under the following
Conditions at the controllable distance.
Measurement place
A place that is nothing of extreme light reflected in the room.
External light
Project the light of ordinary white fluorescent lamps which are not high
Frequency lamps and must be less then 10 Lux at the module surface.
(Ee≦10Lux)
Standard transmitter
A transmitter whose output is so adjusted as to Vo=400mVp-p and the output
Wave form shown in Fig.-1.According to the measurement method shown in
Fig.-2 the standard transmitter is specified.
However , the infrared photodiode to be used for the transmitter should be
λp=940nm,∆λ=50nm. Also, photodiode is used of PD438B(Vr=5V).
Measuring system
According to the measuring system shown in Fig.-3
Fig.-1
Transmitter Wave Form
D.U.T output Pulse
Duty=0.5


Similar Part No. - IRM-8885V-P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8881S EVERLIGHT-IRM-8881S Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8881T EVERLIGHT-IRM-8881T Datasheet
238Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-8881V ETC-IRM-8881V Datasheet
215Kb / 9P
   Infarared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-8881V-P EVERLIGHT-IRM-8881V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-8885V-P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com