Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-3638N3S32F26-P Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # IRM-3638N3S32F26-P
Description  Infrared Remote-control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-3638N3S32F26-P Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  IRM-3638N3S32F26-P Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-3638N3S32F26-P Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-3638N3S32F26-P Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-3638N3S32F26-P Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-3638N3S32F26-P Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-3638N3S32F26-P Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-3638N3S32F26-P Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-3638N3S32F26-P Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-3638N3S32F26-P Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 3 of 9
Device No:SZDMO-036-020
Prepared date:20-Oct-2005
Prepared by:Huazhongfu
IRM-3638N3S32F26-P
Electro-Optical Characteristics (Ta=25℃, and Vcc=2.7V~5.5V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Condition
Supply Voltage
Vcc
2.7
---
5.5
V
DC voltage
Consumption Current
Icc
0.7
---
1.5
mA
No signal input
B.P.F Center Frequency
Fo
---
38
---
KHz
Peak Wavelength
λp
---
940
---
nm
L0
8
---
---
Reception Distance
L45
5
---
---
m
Half Angle(Horizontal)
Θh
---
45
---
deg
At the ray axis
*1
Half Angle(Vertical)
Θv
---
45
---
deg
High Level Pulse Width
TH
400
---
800
μ
s
Low Level Pulse Width
TL
400
---
800
μ
s
At the ray axis
*2
High Level Output Voltage
VH
2.7
---
---
V
Low Level Output Voltage
VL
---
0.2
0.5
V
*2:A range from 30cm to the arrival distance. Average value of 50 pulses.


Similar Part No. - IRM-3638N3S32F26-P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-3638N3S13-P EVERLIGHT-IRM-3638N3S13-P Datasheet
297Kb / 9P
   Infrared Remote-Control Receiver Module
IRM-3638N3S8F5-P EVERLIGHT-IRM-3638N3S8F5-P Datasheet
319Kb / 9P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-3638N3S32F26-P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com