Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3442 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2N3442
Description  HIGH POWER INDUSTRIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2N3442 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2N3442 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N3442 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N3442 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMSET SEMICONDUCTORS
1/3
2N3442
2N4347
NPN silicon transistors designed for applications in industrial and commercial equipment including high
fidelity audio amplifiers, series and shunts regulators and power switches.
Low Collector-Emitter Saturation Voltage –
VCE(sat) = 1.0 Vdc (Max) @ IC = 2.0 Adc – 2N4347
Collector-Emitter Sustaining Voltage-
VCEO(sus) = 120 Vdc (Min) – 2N4347
140 Vdc (Min) – 2N3442
Excellent Second-Breakdown Capability
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N4347
120
VCEO
#Collector-Emitter Voltage
2N3442
140
V
2N4347
140
VCB
Collector-Base Voltage
2N3442
160
Vdc
2N4347
VEB
Emitter-Base Voltage
2N3442
7.0
Vdc
2N4347
5.0
Continuous
2N3442
10
2N4347
10
IC
Collector Current
Peak
2N3442
15 (**)
Adc
2N4347
3.0
Continuous
2N3442
7.0
2N4347
8.0
IB
Base Current
Peak
2N3442
-
Adc
2N4347
100
@ TC = 25°
2N3442
117
2N4347
0.57
PD
Total Device Dissipation
Derate
above 25°
2N3442
0.67
Watts
W/°C
2N4347
TJ
Junction Temperature
2N3442
°C
2N4347
TS
Storage Temperature
2N3442
-65 to +200
°C
(**) This data guaranteed in addition to JEDEC registered data.
H
HIIG
GH
H P
PO
OW
WE
ER
R IIN
ND
DU
US
ST
TR
RIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Similar Part No. - 2N3442

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3442 MOSPEC-2N3442 Datasheet
132Kb / 3P
   POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3442 NJSEMI-2N3442 Datasheet
130Kb / 2P
   Silicon NPN Power Transistor
logo
Motorola, Inc
2N3442 MOTOROLA-2N3442 Datasheet
135Kb / 4P
   10 AMPERE POWER TRANSISTOR NPN SILICON 140 VOLTS 117 WATTS
logo
List of Unclassifed Man...
2N3442 ETC1-2N3442 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
Boca Semiconductor Corp...
2N3442 BOCA-2N3442 Datasheet
141Kb / 3P
   HIGH-POWER INDUSTRIAL TRANSISTORS
More results

Similar Description - 2N3442

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N3442 COMSET-2N3442_12 Datasheet
80Kb / 3P
   HIGH POWER INDUSTRIAL TRANSISTORS
2N3442 COMSET-2N3442 Datasheet
203Kb / 3P
   HIGH POWER INDUSTRIAL TRANSISTORS
logo
Boca Semiconductor Corp...
2N3442 BOCA-2N3442 Datasheet
141Kb / 3P
   HIGH-POWER INDUSTRIAL TRANSISTORS
logo
ON Semiconductor
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
logo
Unisonic Technologies
TIP35C UTC-TIP35C_15 Datasheet
143Kb / 4P
   HIGH POWER TRANSISTORS
logo
Continental Device Indi...
TIP33 CDIL-TIP33 Datasheet
337Kb / 4P
   HIGH POWER TRANSISTORS
logo
Unisonic Technologies
TIP36C UTC-TIP36C_15 Datasheet
176Kb / 4P
   HIGH POWER TRANSISTORS
TIP36C UTC-TIP36C Datasheet
93Kb / 2P
   HIGH POWER TRANSISTORS
TIP35C UTC-TIP35C Datasheet
93Kb / 2P
   HIGH POWER TRANSISTORS
logo
ams AG
EGA2000-850-W AMSCO-EGA2000-850-W Datasheet
1Mb / 24P
   Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com