Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T11 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T11
Description  Serial Real Time Clock with 56 Bytes of NVRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T11 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T11 Datasheet HTML 16Page - STMicroelectronics M41T11 Datasheet HTML 17Page - STMicroelectronics M41T11 Datasheet HTML 18Page - STMicroelectronics M41T11 Datasheet HTML 19Page - STMicroelectronics M41T11 Datasheet HTML 20Page - STMicroelectronics M41T11 Datasheet HTML 21Page - STMicroelectronics M41T11 Datasheet HTML 22Page - STMicroelectronics M41T11 Datasheet HTML 23Page - STMicroelectronics M41T11 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
DC and AC parameters
M41T11
20/29
Table 6.
Capacitance
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 5V; sampled only, not 100% tested.
2.
At 25°C, f = 1MHz.
Min
Max
Unit
CIN
Input capacitance (SCL)
7
pF
COUT
(3)
3.
Outputs deselected.
Output capacitance (SDA, FT/OUT)
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
250
1000
ns
Table 7.
DC characteristics
Symbol
Parameter
Test Condition(1)
1.
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.0 to 5.5V (except where noted).
Min
Typ
Max
Unit
ILI
Input leakage current
0V
≤V
IN ≤VCC
±1
µA
ILO
Output leakage current
0V
≤V
OUT ≤VCC
±1
µA
ICC1
Supply current
Switch frequency = 100kHz
300
µA
ICC2
Supply current (standby)
SCL, SDA = VCC – 0.3V
70
µA
VIL
Input low voltage
–0.3
0.3VCC
V
VIH
Input high voltage
0.7VCC
VCC + 0.5
V
VOL
Output low voltage
IOL = 3mA
0.4
V
Pull-up supply voltage
(open drain)
FT/OUT
5.5
V
VBAT
(2)
2.
STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
Battery supply voltage
2.5(3)
3.
After switchover (VSO), VBAT(min) can be 2.0V for crystal with RS = 40KΩ.
33.5(4)
4.
For rechargeable back-up, VBAT(max) may be considered VCC.
V
IBAT
Battery supply current
TA = 25°C, VCC = 0V,
oscillator ON, VBAT = 3V
0.8
1
µA
Table 8.
Crystal electrical characteristics
Symbol
Parameter(1)(2)(3)
1.
These values are externally supplied if using the SO8 package. STMicroelectronics recommends the KDS
DT-38: 1TA/1TC252E127, Tuning Fork Type (thru-hole) or the DMX-26S: 1TJS125FH2A212, (SMD)
quartz crystal for industrial temperature operations. KDS can be contacted at kouhou@kdsj.co.jp or
http://www.kdsj.co.jp for further information on this crystal type.
2.
Load capacitors are integrated within the M41T11. Circuit board layout considerations for the 32.768kHz
crystal of minimum trace lengths and isolation from RF generating signals should be taken into account.
3.
All SNAPHAT
® battery:crystal tops meet these specifications.
Min
Typ
Max
Unit
fO
Resonant frequency
32.768
kHz
RS
Series resistance
60
k
CL
Load capacitance
12.5
pF


Similar Part No. - M41T11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11 Datasheet
254Kb / 29P
   Serial real-time clock with 56 bytes of NVRAM
M41T11M6E STMICROELECTRONICS-M41T11M6E Datasheet
254Kb / 29P
   Serial real-time clock with 56 bytes of NVRAM
M41T11M6F STMICROELECTRONICS-M41T11M6F Datasheet
254Kb / 29P
   Serial real-time clock with 56 bytes of NVRAM
M41T11MH6E STMICROELECTRONICS-M41T11MH6E Datasheet
254Kb / 29P
   Serial real-time clock with 56 bytes of NVRAM
M41T11MH6F STMICROELECTRONICS-M41T11MH6F Datasheet
254Kb / 29P
   Serial real-time clock with 56 bytes of NVRAM
More results

Similar Description - M41T11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11_08 Datasheet
254Kb / 29P
   Serial real-time clock with 56 bytes of NVRAM
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
   Serial real-time clock with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
   Serial real-time clock (RTC) with 56 bytes NVRAM
M41T94 STMICROELECTRONICS-M41T94_09 Datasheet
358Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
M41T94 STMICROELECTRONICS-M41T94_07 Datasheet
346Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
M41T94 STMICROELECTRONICS-M41T94_06 Datasheet
328Kb / 40P
   Serial Real Time Clock with 44Bytes NVRAM and Reset
logo
Texas Instruments
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com