Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR4103-2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # IR4103-2
Description  1.5mm Side Looking Infrared LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR4103-2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  IR4103-2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR4103-2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR4103-2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR4103-2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR4103-2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR4103-2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR4103-2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 2 of 7
Device No:DIR-410-159
Prepared date:07-20-2005
Prepared by:Jaine Tsai
IR4103-2/F13
Package Dimensions
Notes: 1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.25mm
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Continuous Forward Current
IF
100
mA
Peak Forward Current
IFP
1.0
A
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
Tsol
260
Power Dissipation at(or below)
25℃Free Air Temperature
Pd
150
mW
Notes: *1:IFP Conditions--Pulse Width≦100μs and Duty≦1%.
*2:Soldering time≦5 seconds.


Similar Part No. - IR4103-2

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IR413 NJSEMI-IR413 Datasheet
474Kb / 2P
   High -voltage NPN silicon transistors designed for medium-to-high- voltage inverters
More results

Similar Description - IR4103-2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
152Kb / 7P
   1.5mm Side Looking Phototransistor
PT928-6B-F EVERLIGHT-PT928-6B-F Datasheet
142Kb / 7P
   1.5mm Side Looking Phototransistor
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
147Kb / 7P
   1.5mm Side Looking Phototransistor
PT908-7B-F EVERLIGHT-PT908-7B-F Datasheet
164Kb / 7P
   1.5mm Side Looking Phototransistor
EAPLP04RRAA1 EVERLIGHT-EAPLP04RRAA1 Datasheet
460Kb / 7P
   1.5mm Side Looking Phototransistor
PT908-7C-F EVERLIGHT-PT908-7C-F Datasheet
152Kb / 7P
   1.5mm Side Looking Phototransistor
PT928-6B-F EVERLIGHT-PT928-6B-F Datasheet
148Kb / 7P
   1.5mm Side Looking Phototransistor
logo
List of Unclassifed Man...
PT928-6C ETC1-PT928-6C Datasheet
126Kb / 6P
   1.5mm Side Looking Phototransistor
logo
Everlight Electronics C...
PT908-7B-F EVERLIGHT-PT908-7B-F Datasheet
158Kb / 7P
   1.5mm Side Looking Phototransistor
PT908-7C-F EVERLIGHT-PT908-7C-F Datasheet
146Kb / 7P
   1.5mm Side Looking Phototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com