Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G86DCKT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G86DCKT
Description  SINGLE 2-INPUT EXCLUSIVE-OR GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G86DCKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G86DCKT Datasheet HTML 2Page - Texas Instruments SN74LVC1G86DCKT Datasheet HTML 3Page - Texas Instruments SN74LVC1G86DCKT Datasheet HTML 4Page - Texas Instruments SN74LVC1G86DCKT Datasheet HTML 5Page - Texas Instruments SN74LVC1G86DCKT Datasheet HTML 6Page - Texas Instruments SN74LVC1G86DCKT Datasheet HTML 7Page - Texas Instruments SN74LVC1G86DCKT Datasheet HTML 8Page - Texas Instruments SN74LVC1G86DCKT Datasheet HTML 9Page - Texas Instruments SN74LVC1G86DCKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5 V
± 0.5 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
2
× VCC
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
3 V
VCC
VI
VCC/2
VCC/2
1.5 V
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
SN74LVC1G86
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SCES222N – APRIL 1999 – REVISED FEBRUARY 2007
Figure 2. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback


Similar Part No. - SN74LVC1G86DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86DCKT TI-SN74LVC1G86DCKT Datasheet
351Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86DCKT TI-SN74LVC1G86DCKT Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86DCKT TI1-SN74LVC1G86DCKT Datasheet
1Mb / 24P
[Old version datasheet]   Single 2-Input Exclusive-OR Gate
SN74LVC1G86DCKTE4 TI-SN74LVC1G86DCKTE4 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86DCKTG4 TI-SN74LVC1G86DCKTG4 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - SN74LVC1G86DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com