Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA333BW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 1 Page - STMicroelectronics

  STA333BW Datasheet HTML 1Page - STMicroelectronics STA333BW Datasheet HTML 2Page - STMicroelectronics STA333BW Datasheet HTML 3Page - STMicroelectronics STA333BW Datasheet HTML 4Page - STMicroelectronics STA333BW Datasheet HTML 5Page - STMicroelectronics STA333BW Datasheet HTML 6Page - STMicroelectronics STA333BW Datasheet HTML 7Page - STMicroelectronics STA333BW Datasheet HTML 8Page - STMicroelectronics STA333BW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2007
Rev 2
1/64
1
STA333BW
2.1-channel high-efficiency digital audio system
Features
! Wide supply voltage range (4.5 to 20 V)
! 3 power output configurations
– 2 channels of ternary PWM (stereo mode)
(2 x 20 W @ 8
Ω, 18 V).
– 3 channels - left, right using binary and LFE
using ternary PWM (2.1 mode) (2 x 9 W +
1x20 W @ 2x4
Ω, 1 x 8 Ω, 18 V)
– 2 channels of ternary PWM (2 x 20 W) +
stereo line out ternary
! 2.1 channels of 24-bit DDX®
! 100 dB SNR and dynamic range
! Selectable 32 KHz to 192 KHz input sample
rates
! I2C control with selectable device address
! Digital gain/attenuation +48 dB to -80 dB in
0.5 dB steps
! Soft volume update
! Individual channel and master gain/attenuation
! Dual independent limiters/compressors
! Dynamic range compression or anti-clipping
modes
! AutomodesTM
– 15 preset crossover filters
– 2 preset anti-clipping modes
– Preset nighttime listening mode
! Individual channel and master soft and hard
mute
! Independent channel volume and DSP bypass
! Automatic zero-detect mute
! Automatic invalid input detect mute
! 2-channel I2S input data interface
! Input and output channel mapping
! 4 x 28-bit user programmable biquads (EQ) per
channel
! Bass/treble tone control
! DC blocking selectable high-pass filter
! Selectable de-emphasis
! Sub channel mix into left and right channels
! Advanced AM interference frequency
switching and noise suppression modes
! Selectable high or low bandwidth noise
shaping topologies
! Variable max power correction for lower full-
power THD
! Selectable clock input ratio
! 96 kHz internal processing sample rate, 24 to
28-bit precision
! Thermal overload and short-circuit protection
embedded
! Video application supports 576 x fs input mode
! PSSO-36 slug down package, RoHS.
PowerSSO36
slug down
Table 1. Device summary
Order codes
Package
Packing
STA333BW
PowerSSO36 slug down
Tube
STA333BW13TR
PowerSSO36 slug down
Tape and reel
www.st.com


Similar Part No. - STA333BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 68P
   2.1-channel 40-watt high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
2Mb / 67P
   2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
January 2011 Rev 3
STA333BW13TR STMICROELECTRONICS-STA333BW13TR Datasheet
1Mb / 68P
   2.1-channel 40-watt high-efficiency digital audio system
STA333BW13TR STMICROELECTRONICS-STA333BW13TR Datasheet
2Mb / 67P
   2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
January 2011 Rev 3
STA333BWQS STMICROELECTRONICS-STA333BWQS Datasheet
1Mb / 71P
   2.1-channel high-efficiency digital audio system with QSound QHD
More results

Similar Description - STA333BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
   2.1 channels high efficiency digital audio system
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com