Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G86YZPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G86YZPR
Description  SINGLE 2-INPUT EXCLUSIVE-OR GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G86YZPR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G86YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC1G86YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC1G86YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC1G86YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC1G86YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC1G86YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC1G86YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC1G86YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC1G86YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
5
1
V
CC
A
2
B
3
4
GND
Y
DRL PACKAGE
(TOP VIEW)
2
B
V
CC
5
1
A
3
4
GND
GND
Y
DCK PACKAGE
(TOP VIEW)
2
B
3
4
GND
V
CC
5
A
Y
1
YZP PACKAGE
(BOTTOM VIEW)
2
B
V
CC
1 5
A
GND
4
3
Y
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G86
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SCES222N – APRIL 1999 – REVISED FEBRUARY 2007
• Available in the Texas Instruments
Operation
NanoFree™ Package
• Latch-Up Performance Exceeds 100 mA Per
• Supports 5-V V
CC Operation
JESD 78, Class II
• Inputs Accept Voltages to 5.5 V
• ESD Protection Exceeds JESD 22
• Max t
pd of 4 ns at 3.3 V
2000-V Human-Body Model (A114-A)
• Low Power Consumption, 10-µA Max I
CC
200-V Machine Model (A115-A)
• ±24-mA Output Drive at 3.3 V
1000-V Charged-Device Model (C101)
• I
off Supports Partial-Power-Down Mode
This single 2-input exclusive-OR gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G86 performs the Boolean function Y = A
⊕ B or Y = AB + AB in positive logic.
A common application is as a true/complement element. If the input is low, the other input is reproduced in true
form at the output. If the input is high, the signal on the other input is reproduced inverted at the output.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC1G86YZPR
_ _ _CH_
0.23-mm Large Bump – YZP (Pb-free)
Reel of 3000
SN74LVC1G86DBVR
SOT (SOT-23) – DBV
C86_
–40°C to 85°C
Reel of 250
SN74LVC1G86DBVT
Reel of 3000
SN74LVC1G86DCKR
SOT (SC-70) – DCK
CH_
Reel of 250
SN74LVC1G86DCKT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G86YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86YZPR TI-SN74LVC1G86YZPR Datasheet
351Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86YZPR TI-SN74LVC1G86YZPR Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86YZPR TI1-SN74LVC1G86YZPR Datasheet
1Mb / 24P
[Old version datasheet]   Single 2-Input Exclusive-OR Gate
More results

Similar Description - SN74LVC1G86YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com