Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3Q3257RGYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3257RGYR
Description  4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3257RGYR Datasheet(HTML) 3 Page - Texas Instruments

  SN74CB3Q3257RGYR Datasheet HTML 1Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 2Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3257RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
1B1
1A
OE
1B2
SW
SW
2B1
2A
2B2
SW
SW
3B1
3A
3B2
SW
SW
4B1
4A
4B2
SW
SW
S
4
7
9
12
1
15
2
3
5
6
11
10
14
13
SIMPLIFIED SCHEMATIC, EACH FET SWITCH (SW)
A
EN(1)
B
(1) EN is the internal enable signal applied to the switch.
Charge
Pump
VCC
SN74CB3Q3257
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS135A – SEPTEMBER 2003 – REVISED MARCH 2005
LOGIC DIAGRAM (POSITIVE LOGIC)
3


Similar Part No. - SN74CB3Q3257RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3257RGYR TI-SN74CB3Q3257RGYR Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CB3Q3257RGYR TI-SN74CB3Q3257RGYR Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257RGYR TI1-SN74CB3Q3257RGYR Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results

Similar Description - SN74CB3Q3257RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
ADG3248 AD-ADG3248 Datasheet
172Kb / 12P
   2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249 Datasheet
220Kb / 12P
   2.5 V/3.3 V, 2:1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com