Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7215 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7215
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7215 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC7215_06 Datasheet HTML 1Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 2Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 3Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 4Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 5Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 6Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 7Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 8Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2 kV
Differential Input Voltage
V
+ +0.3V, V−0.3V
Voltage at Input/Output Pin
V
+ +0.3V, V−0.3V
Supply Voltage (V
+–V)
10V
Current at Input Pin
±5mA
Current at Output Pin (Note 3)
±30 mA
Current at Power Supply Pin
40 mA
Lead Temperature
(soldering, 10 sec)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
150˚C
Operating Ratings(Note 1)
Supply Voltage
2V
≤ V
CC
≤ 8V
Temperature Range(Note 4)
LMC7215IM, LMC7225IM
−40˚C to +85˚C
Package Thermal Resistance (
θ
JA)
8-Pin SOIC
165˚C/W
5-Pin SOT23
325˚C/W
2.7V to 5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V to 5V, V= 0V, V
CM =VO =V
+/2. Boldface limits
apply at the temperature extremes.
Typ
LMC7215
LMC7225
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
1
6
6
mV
88
max
TCV
OS
Input Offset Voltage
2
µV/˚C
Average Drift
I
B
Input Current
5
fA
I
OS
Input Offset Current
1
fA
CMRR
Common Mode
(Note 7)
80
60
60
dB
Rejection Ratio
min
PSRR
Power Supply
V
+ = 2.2V to 8V
90
60
60
dB
Rejection Ratio
min
A
V
Voltage Gain
140
dB
CMVR
Input Common-Mode
V
+ = 2.7V
3.0
2.9
2.9
V
Voltage Range
CMRR > 50 dB
2.7
2.7
min
V
+ = 2.7V
−0.2
0.0
0.0
V
CMRR > 50 dB
0.2
0.2
max
V
+ = 5.0V
5.3
5.2
5.2
V
CMRR > 50 dB
5.0
5.0
min
V
+ = 5.0V
−0.3
−0.2
−0.2
V
CMRR > 50 dB
0.0
0.0
max
V
OH
Output Voltage High
V
+ = 2.2V
2.05
1.8
NA
V
I
OH = 1.5 mA
1.7
min
V
+ = 2.7V
2.05
2.3
NA
V
I
OH = 2.0 mA
2.2
min
V
+ = 5.0V
4.8
4.6
NA
V
I
OH = 4.0 mA
4.5
min
V
OL
Output Voltage Low
V
+ = 2.2V
0.17
0.4
0.4
V
I
OH = 1.5 mA
0.5
0.5
max
V
+ = 2.7V
0.17
0.4
0.4
V
I
OH = 2.0 mA
0.5
0.5
max
V
+ = 5.0V
0.2
0.4
0.4
V
I
OH = 4.0 mA
0.5
0.5
max
I
SC+
Output Short Circuit
V
+ = 2.7V, Sourcing
15
NA
mA
www.national.com
2


Similar Part No. - LMC7215_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7215-Q1 TI-LMC7215-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
logo
National Semiconductor ...
LMC7215IM NSC-LMC7215IM Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215IM/NOPB TI-LMC7215IM/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
logo
National Semiconductor ...
LMC7215IM5 NSC-LMC7215IM5 Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215IM5 TI-LMC7215IM5 Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
More results

Similar Description - LMC7215_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7215 NSC-LMC7215 Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215 TI-LMC7215_15 Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
LMC7215IM5-NOPB TI1-LMC7215IM5-NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push- Pull/Open-Drain Outputs
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
Global Mixed-mode Techn...
G1337 GMT-G1337 Datasheet
80Kb / 1P
   Dual Rail-to-Rail CMOS Comparators with Open- Drain Output
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Texas Instruments
TLV1811 TI1-TLV1811_V05 Datasheet
3Mb / 57P
[Old version datasheet]   TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V04 Datasheet
2Mb / 49P
[Old version datasheet]   TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com