Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELD-515SYGWA Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELD-515SYGWA
Description  0.5 inch Dual Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD-515SYGWA Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELD-515SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD-515SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD-515SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD-515SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD-515SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD-515SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.5" Dual Digit Displays
ELD-515SYGWA/S530-E2
Package Dimensions
Notes: 1.All dimensions are in millimeters , tolerance is 0.25mm unless otherwise noted.
2.Above specification may be changed without notice.
Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 2 of 6
Device Number : CDDD-515-007
Prepared date:2006/9/3
Prepared by: YanLi Zhong


Similar Part No. - ELD-515SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-515SURWA EVERLIGHT-ELD-515SURWA Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
ELD-515SURWA-S530-A3 EVERLIGHT-ELD-515SURWA-S530-A3 Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
ELD-515SURWA-S530-A3 EVERLIGHT-ELD-515SURWA-S530-A3 Datasheet
161Kb / 6P
   0.5" Dual Digit Displays
ELD-515SURWA-S530-A3 EVERLIGHT-ELD-515SURWA-S530-A3_06 Datasheet
161Kb / 6P
   0.5" Dual Digit Displays
ELD-515SURWA/S530-A3 EVERLIGHT-ELD-515SURWA/S530-A3 Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
More results

Similar Description - ELD-515SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-516USOWA EVERLIGHT-ELD-516USOWA Datasheet
157Kb / 6P
   0.5 inch Dual Digit Displays
ELD-516SURWA EVERLIGHT-ELD-516SURWA Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
ELD-515SURWA EVERLIGHT-ELD-515SURWA Datasheet
166Kb / 7P
   0.5 inch Dual Digit Displays
ELD-515SURWA-S530-A3 EVERLIGHT-ELD-515SURWA-S530-A3_06 Datasheet
161Kb / 6P
   0.5" Dual Digit Displays
logo
Micro Electronics
MS251A MICRO-ELECTRONICS-MS251A Datasheet
73Kb / 2P
   0.5 DUAL DIGIT NUMERIC DISPLAYS
logo
Everlight Electronics C...
ELD-305USOWA EVERLIGHT-ELD-305USOWA Datasheet
122Kb / 6P
   0.3 inch Dual Digit Displays
ELD-511SURWA EVERLIGHT-ELD-511SURWA Datasheet
195Kb / 5P
   0.56 inch Dual Digit Displays
ELD-425USOWA-S530-A3 EVERLIGHT-ELD-425USOWA-S530-A3 Datasheet
93Kb / 6P
   0.4 inch Dual Digit Displays
ELD-512USOWA EVERLIGHT-ELD-512USOWA Datasheet
168Kb / 6P
   0.56 inch Dual Digit Displays
ELD-426USOWA EVERLIGHT-ELD-426USOWA Datasheet
91Kb / 6P
   0.4 inch Dual Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com