Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS71108AJ-10 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GS71108AJ-10
Description  128K x 8 1Mb Asynchronous SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GS71108AJ-10 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS71108AJ-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS71108AJ-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS71108AJ-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71108AJ-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71108AJ-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71108AJ-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71108AJ-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108AJ-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108AJ-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Capacitance
Parameter
Symbol
Test Condition
Max
Unit
Input Capacitance
C
V = 0 V
5
pF
Output Capacitance
C
V
= 0 V
7
pF
GS71108ATP/J/SJ/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.08 6/2006
4/16
© 2001, GSI Technology
Notes:
1. Tested at TA = 25°C, f = 1 MHz
2. These parameters are sampled and are not 100% tested.
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage
Current
IIL
VIN = 0 to VDD
–1 uA
1 uA
Output Leakage
Current
ILO
Output High Z
VOUT = 0 to VDD
–1 uA
1 uA
Output High Voltage
VOH
I = –4 mA
2.4
Output Low Voltage
VOL
I = +4 mA
0.4 V
Power Supply Currents
Parameter
Symbol
Test Conditions
0 to 70°C
–40 to 85°C
7 ns
8 ns
10 ns
12 ns
7 ns
8 ns
10 ns
12 ns
Operating
Supply
Current
I
CE
≤ V
All other inputs
≥ V or ≤ V
Min. cycle time
I
= 0 mA
140 mA 120 mA 95 mA
80 mA
145 mA 125 mA 100 mA 85 mA
Standby
Current
I
CE
≥ V
All other inputs
≥ V or ≤V
Min. cycle time
25 mA
20 mA
20 mA
15 mA
30 mA
25 mA
25 mA
20 mA
Standby
Current
I
CE
≥ V – 0.2 V
All other inputs
≥ V – 0.2 V or ≤ 0.2 V
2 mA
5 mA
IN
IN
OUT
OUT
OH
LO
DD
IL
IH
IL
OUT
SB1
IH
IH
IL
SB2
DD
DD


Similar Part No. - GS71108AJ-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71108AJ-10 ETC-GS71108AJ-10 Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108AJ-10I ETC-GS71108AJ-10I Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results

Similar Description - GS71108AJ-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC-GS71108ATP Datasheet
410Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com