Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLS15-22C-L213R-TR8 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # CLS15-22C-L213R-TR8
Description  Surface - Mount RGB Color Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CLS15-22C-L213R-TR8 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  CLS15-22C-L213R-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd CLS15-22C-L213R-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Document No: DCS-015-001 Rev2.0
Nov. 15, 2007
3
Surface - Mount
RGB Color Sensor
CLS15-22C/L213R/TR8
CLS15-22C/L213G/TR8
CLS15-22C/L213B/TR8
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Condition
Rating
Units
Reverse Breakdown Voltage
VBR
IR = 100µA
35
V
Forward Voltage
VF
IF = 10mA
0.5~1.3
V
Operating Temperature
Topr
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
°C
Soldering Temperature
[Note]
Tsol
260
°C
Note: Soldering time
≦5 seconds
Electro-Optical Characteristics (Ta=25°C)
Red Color Sensor: CLS15-22C/L213R/TR8
Parameter
Symbol
Condition
MIN.
TYP. MAX. Unit
Peak Sensitivity Wavelength
λP
620
nm
Short-Circuit Current
ISC
Ee=100Lux
VR=0V
[Note]
0.086
µ
A
IL1
Ee=100Lux
VR=5V
[Note]
0.091
µ
A
Reverse Light Current
IL2
Ee=1000Lux
VR=5V
[Note]
0.83
µ
A
Reverse Dark Current
ID
Ee=0
VR = 10 V
2
10
nA
Photo sensitivity
S
Red
P=630nm)
0.21
A/W
Note: White Fluorescent light (Color Temperature = 6500K) is used as light source


Similar Part No. - CLS15-22C-L213R-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
More results

Similar Description - CLS15-22C-L213R-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EACLSST3227A0 EVERLIGHT-EACLSST3227A0 Datasheet
599Kb / 11P
   RGB Color Light Sensor Surface - Mount
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-S312-CR999 AVAGO-ADJD-S312-CR999 Datasheet
267Kb / 18P
   Miniature Surface-Mount RGB Digital Color Sensor
ADJD-S311-CR999 AVAGO-ADJD-S311-CR999 Datasheet
445Kb / 20P
   Miniature Surface Mount RGB Digital Color Sensor
ADJD-S313-QR999 AVAGO-ADJD-S313-QR999 Datasheet
195Kb / 16P
   Miniature Surface-Mount RGB Digital Color Sensor
ADJD-S371-QR999 AVAGO-ADJD-S371-QR999 Datasheet
352Kb / 23P
   Miniature Surface-Mount RGB Digital Color Sensor Module
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
   RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
   RGB Color Sensor
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com