Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8562BIN252 Datasheet(PDF) 6 Page - Champion Microelectronic Corp.

Part # CM8562BIN252
Description  1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM8562BIN252 Datasheet(HTML) 6 Page - Champion Microelectronic Corp.

  CM8562BIN252 Datasheet HTML 1Page - Champion Microelectronic Corp. CM8562BIN252 Datasheet HTML 2Page - Champion Microelectronic Corp. CM8562BIN252 Datasheet HTML 3Page - Champion Microelectronic Corp. CM8562BIN252 Datasheet HTML 4Page - Champion Microelectronic Corp. CM8562BIN252 Datasheet HTML 5Page - Champion Microelectronic Corp. CM8562BIN252 Datasheet HTML 6Page - Champion Microelectronic Corp. CM8562BIN252 Datasheet HTML 7Page - Champion Microelectronic Corp. CM8562BIN252 Datasheet HTML 8Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CM8562B
1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
2008/04/15 Rev. 1.0
Champion Microelectronic Corporation
Page 6
DIFFERENT HEATSINK AREA
Thermal Resistance vs. Different Cooper Area Layout Design
Dog-Bone Layout
Minimum Footprint , θJA = 75℃/W
Copper Area = 10mm2 , θJA = 64℃/W
Copper Area = 30mm2 , θJA = 54℃/W
Copper Area = 50mm2 , θJA = 51℃/W
Copper Area = 70mm2 , θJA = 49℃/W


Similar Part No. - CM8562BIN252

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562BIN252 CHAMP-CM8562BIN252 Datasheet
232Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
More results

Similar Description - CM8562BIN252

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562B CHAMP-CM8562B_08 Datasheet
232Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562P CHAMP-CM8562P Datasheet
225Kb / 7P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562 CHAMP-CM8562 Datasheet
277Kb / 8P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562A CHAMP-CM8562A Datasheet
225Kb / 7P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
logo
Excelliance MOS Corp.
EM5045 EXCELLIANCE-EM5045 Datasheet
1Mb / 8P
   1.8A Sink/Source Bus Termination Regulator
logo
Richtek Technology Corp...
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
   Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
logo
List of Unclassifed Man...
CM8561 ETC-CM8561 Datasheet
119Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8562P ETC1-CM8562P Datasheet
168Kb / 5P
   2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Unisonic Technologies
UR6516B UTC-UR6516B Datasheet
159Kb / 6P
   2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
List of Unclassifed Man...
CM8562 ETC-CM8562 Datasheet
142Kb / 7P
   2A SINK SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com