Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402CS-20NX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 0402CS-20NX
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0402CS-20NX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  0402CS-20NX Datasheet HTML 1Page - List of Unclassifed Manufacturers 0402CS-20NX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ChipInductors-0402CSSeries(1005)
Document 198-1
Specifications subject to change without notice.
Document 198-1
Revised 8/8/02
Continuing in our long tradition of innovation and lead-
ership, Coilcraft introduced the industry’s first 0402
wirewound inductor.
This series shares all of the characteristics of Coilcraft’s
other ceramic inductors: exceptionally high Q factors,
especially at use frequencies; outstanding self-resonant
frequency; tight inductance tolerance; and excellent
batch-to-batch consistency.
Coilcraft Designer’s Kits C128A and C128B contain
samples of 5% inductance tolerance parts. Kits with 2%
tolerance are also available. To order, contact Coilcraft
or visit http://order.coilcraft.com.
Parts/reel: 7
″ 2000 Tape width: 8 mm
For packaging data see Tape and Reel Specifications section.
TYPICAL L vs FREQUENCY
TYPICAL Q vs FREQUENCY
AB
C
D
max
max
max
ref
E
F
G
H
I
J
0.047
0.025
0.026
0.010
0.020 0.009 0.022 0.026 0.014 0.018
1,19
0,64
0,66
0,25
0,51
0,23
0,56
0,66
0,36
0,46


Similar Part No. - 0402CS-20NX

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402CS-20NXGLQ COILCRAFT-0402CS-20NXGLQ Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-20NXGLU COILCRAFT-0402CS-20NXGLU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-20NXGLW COILCRAFT-0402CS-20NXGLW Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
logo
Integrated Device Techn...
0402CS-20NXJLU IDT-0402CS-20NXJLU Datasheet
2Mb / 40P
   Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
logo
Coilcraft lnc.
0402CS-20NXL COILCRAFT-0402CS-20NXL Datasheet
98Kb / 2P
   Chip Inductors ??0402CS
More results

Similar Description - 0402CS-20NX

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com