Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL22CV10AZJ-25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PEEL22CV10AZJ-25
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEEL22CV10AZJ-25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PEEL22CV10AZJ-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEEL22CV10AZJ-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL22CV10AZJ-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL22CV10AZJ-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL22CV10AZJ-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL22CV10AZJ-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL22CV10AZJ-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL22CV10AZJ-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL22CV10AZJ-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
PEEL™ 22CV10AZ
Function Description
The implements logic functions as sum-of-products expres-
sions in a programmable-AND/fixed-OR logic array. User-
defined functions are created by programming the connec-
tions of input signals into the array. User-configurable out-
put structures in the form of I/O macrocells further increase
logic flexibility.
Architecture Overview
The architecture is illustrated in the block diagram of Figure
19. Twelve dedicated inputs and 10 I/Os provide up to 22
inputs and 10 outputs for creating logic functions (see Fig-
ure 21). At the core of the device is a programmable electri-
cally-erasable AND array that drives a fixed OR array. With
this structure, the PEEL™22CV10AZ can implement up to
10 sum-of-products logic expressions.
Associated with each of the ten OR functions is an I/O mac-
rocell that can be independently programmed to one of four
different configurations in standard 22V10 mode, or any
one of 12 configurations using the special “Plus” mode. The
programmable macrocells allow each I/O to be used to cre-
ate sequential or combinatorial logic functions of active-
high or active-low polarity, while providing three different
feedback paths into the AND array.
AND/OR Logic Array
The programmable AND array of the PEEL™22CV10AZ
(shown in Figure 21) is formed by input lines intersecting
product terms. The input lines and product terms are used
as follows:
s
44 Input Lines:
– 24 input lines carry the true and complement of the
signals applied to the 12 input pins
– 20 additional lines carry the true and complement
values of feedback or input signals from the 10 I/Os
s
133 Product Terms:
– 120 product terms (arranged in 2 groups of 8, 10, 12,
14, and 16) are used to form sum of product functions
– 10 output enable terms (one for each I/O)
– 1 global synchronous preset term
– 1 global asynchronous clear term
– 1 programmable clock term
At each input-line/product-term intersection, there is an
EEPROM memory cell that determines whether or not
there is a logical connection at that intersection. Each prod-
uct term is essentially a 44-input AND gate. A product term
that is connected to both the true and complement of an
input signal will always be FALSE and therefore will not
affect the OR function that it drives. When all the connec-
tions on a product term are opened, a “don’t care” state
exists and that term will always be TRUE.
When programming the PEEL™22CV10AZ, the device
programmer first performs a bulk erase to remove the previ-
ous pattern. The erase cycle opens every logical connec-
tion in the array. The device is configured to perform the
user-defined function by programming selected connec-
tions in the AND array. (Note that PEEL™ device program-
mers automatically program all of the connections on
unused product terms so that they will have no effect on the
output function).
Variable Product Term Distribution
The PEEL™22CV10AZ provides 120 product terms to
drive the 10 OR functions. These product terms are distrib-
uted among the outputs in groups of 8, 10, 12, 14, and 16
to form logical sums (see Figure 21). This distribution
allows optimum use of the device resources.
Programmable I/O Macrocell
The unique twelve-configuration output macrocell provides
complete control over the architecture of each output. The
ability to configure each output independently lets you to
tailor the configuration of the PEEL™22CV10AZ to the pre-
cise requirements of your design.
Macrocell Architecture
Each I/O macrocell, as shown in Figure 20, consists of a D-
type flip-flop and two signal-select multiplexers. The config-
uration of the macrocell is determined by four EEPROM
bits that control the multiplexers. These bits determine the
output polarity, output type (registered or non-registered)
and input-feedback path (bidirectional I/O, combinatorial
feedback). Refer to Table 1. for details. Four of these mac-
rocells duplicate the functionality of the industry-standard
PAL22V10. (See Figure 21 and Table 1.)
Figure 20 Block Diagram of the
PEEL™22CV10A I/O Macrocell


Similar Part No. - PEEL22CV10AZJ-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22CV10AZJ-25 ANACHIP-PEEL22CV10AZJ-25 Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22CV10AZJ-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com