Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11AA3 Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # H11AA3
Description  6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

H11AA3 Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button H11AA3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd H11AA3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd H11AA3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd H11AA3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd H11AA3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd H11AA3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd H11AA3 Datasheet HTML 10Page - Everlight Electronics Co., Ltd H11AA3 Datasheet HTML 11Page - Everlight Electronics Co., Ltd H11AA3 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
6 PIN DIP PHOTOTRANSISTOR
AC INPUT PHOTOCOUPLER
Everlight Electronics Co., Ltd.
11
http:\\www.everlight.com
Document No:PDC-714-AAX Rev. 0
April 7, 2008
H11AAX Series
Solder Reflow Temperature Profile
260
°C (peak)
150
°C
1-3
°C/Sec Max
70 – 170 Sec
200
°C
217
°C
>255
°C (30s Min)
1-3
°C/Sec Max
60 – 140 Sec
TIME (S)


Similar Part No. - H11AA3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11AA3 MOTOROLA-H11AA3 Datasheet
281Kb / 6P
   6-Pin DIP Optoisolators AC Input/Transistor Output
logo
QT Optoelectronics
H11AA3 QT-H11AA3 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
ISOCOM COMPONENTS
H11AA3 ISOCOM-H11AA3 Datasheet
368Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Everlight Electronics C...
H11AA3 EVERLIGHT-H11AA3 Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
logo
Fairchild Semiconductor
H11AA3-M FAIRCHILD-H11AA3-M Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
More results

Similar Description - H11AA3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL814 EVERLIGHT-EL814_16 Datasheet
995Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL814 EVERLIGHT-EL814 Datasheet
369Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com