Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A253B-SUR-S530-A3 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. A253B-SUR-S530-A3
Description  5.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

A253B-SUR-S530-A3 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  A253B-SUR-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd A253B-SUR-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd A253B-SUR-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd A253B-SUR-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd A253B-SUR-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd A253B-SUR-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd A253B-SUR-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
5.0mm Round Type LED Lamps
A253B/SUR/S530-A3
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
REV.:
2
Page: 4 of 6
Device Number :
CDAE-025-033
Prepared date:
Prepared by: Liang Xiang You
2005/8/26


Similar Part No. - A253B-SUR-S530-A3

ManufacturerPart No.DatasheetDescription
Everlight Electronics Co., Ltd
Everlight Electronics C...
A253B-SUR-S530-A3-R EVERLIGHT-A253B-SUR-S530-A3-R Datasheet
96Kb / 6P
   5mm 1Pcs Circuit Board Indicator
A253B-SUR-S530-A3 EVERLIGHT-A253B-SUR-S530-A3_15 Datasheet
240Kb / 8P
   LAMP
More results

Similar Description - A253B-SUR-S530-A3

ManufacturerPart No.DatasheetDescription
Everlight Electronics Co., Ltd
Everlight Electronics C...
1383-2UYD EVERLIGHT-1383-2UYD Datasheet
113Kb / 6P
   5.0mm Round Type LED Lamps
1383-2UYT EVERLIGHT-1383-2UYT Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
2SURC-H3-S530-A5 EVERLIGHT-2SURC-H3-S530-A5 Datasheet
129Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC EVERLIGHT-383-2SUBC Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470 EVERLIGHT-383-2SUBC-C470 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470-S400 EVERLIGHT-383-2SUBC-C470-S400 Datasheet
123Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A5 EVERLIGHT-383-2SUGC-S400-A5 Datasheet
117Kb / 7P
   5.0mm Round Type LED Lamps
383-2SUGC-S400-A7 EVERLIGHT-383-2SUGC-S400-A7 Datasheet
94Kb / 6P
   5.0mm Round Type LED Lamps
383-2SURC-S530-A4 EVERLIGHT-383-2SURC-S530-A4 Datasheet
97Kb / 6P
   5.0mm Round Type LED Lamps
383-2USOC-S400-A7 EVERLIGHT-383-2USOC-S400-A7 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
A253B-G EVERLIGHT-A253B-G Datasheet
107Kb / 7P
   5.0mm Round Type LED Lamps
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz