Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150CLZ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 150CLZ
Description  Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150CLZ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  150CLZ Datasheet HTML 1Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 2Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 3Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2002 Feb 27
5
BCcomponents
Preliminary specification
Aluminum electrolytic capacitors SMD (Chip)
Long life base plate, very low impedance
150 CLZ
MOUNTING
The capacitors are designed for
automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering
pads depend amongst others on
soldering method, mounting accuracy,
print lay-out and/or adjacent
components.
For recommended soldering pad
dimensions, refer to Fig.3 and Table 3
Soldering
Soldering conditions are defined by
the curve, temperature versus time,
where the temperature is that
measured on the soldering pad during
processing.
For maximum conditions refer to Fig.4.
Any temperature versus time curve
which does not exceed the specified
maximum curves may be applied.
AS A GENERAL PRINCIPLE,
TEMPERATURE AND DURATION
SHALL BE THE MINIMUM
NECESSARY REQUIRED TO ENSURE
GOOD SOLDERING
CONNECTIONS. HOWEVER, THE
SPECIFIED MAXIMUM CURVES
SHOULD NEVER BE EXCEEDED.
c
a
a
b
CCA857
Fig.3 Recommended soldering pad dimensions.
For dimensions see Table 3.
Table 3
Recommended soldering pad dimensions; see Fig.3
CASE CODE
a
(mm)
b
(mm)
c
(mm)
0810
3.5
2.5
3.0
1010
4.3
2.5
4.0
1014
4.3
2.5
4.0
Fig.4
Maximum temperature load during infrared reflow soldering
measured on the soldering pad.
250
280
80
0
50
200
MBA533
180
150
100
200
220
240
260
160
140
120
100
T
PAD
( C)
o
t (s)


Similar Part No. - 150CLZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CLZ VISHAY-150CLZ Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
More results

Similar Description - 150CLZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
139CLL VISHAY-139CLL_V01 Datasheet
122Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
01-Jan-2023
logo
EPCOS
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Vishay Siliconix
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
logo
Cornell Dubilier Electr...
AVEK226M06B12T-F CDE-AVEK226M06B12T-F Datasheet
192Kb / 3P
   Very Long Life - 5000 Hours - SMT Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com