Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150CLZ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 150CLZ
Description  Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150CLZ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  150CLZ Datasheet HTML 1Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 2Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 3Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2002 Feb 27
3
BCcomponents
Preliminary specification
Aluminum electrolytic capacitors SMD (Chip)
Long life base plate, very low impedance
150 CLZ
Selection chart for CR, UR and relevant nominal case sizes (L × W × H in mm)
Preferred types in bold.
MARKING
• Rated capacitance (in µF)
• Rated voltage (in V)
• Black mark or ‘−’ sign indicating the cathode (the anode is identified by bevelled edges)
• Code indicating group number (Z)
• Date code, in accordance with “IEC 60062”.
CR
(
µF)
UR (V)
6.3
101625355063
33
−−−−−−
8
× 8 × 10
47
−−−−−−
8
× 8 × 10
−−−−−−
10
× 10 × 10
68
−−−−−
8
× 8 × 10
10
× 10 × 10
100
−−−−
8
× 8 × 10
10
× 10 × 10 10 × 10 × 14
150
−−−
8
× 8 × 10
−−−
220
−−
8
× 8 × 10
8
× 8 × 10
10
× 10 × 10 10 × 10 × 14
330
8
× 8 × 10
8
× 8 × 10
10
× 10 × 10 10 × 10 × 14
−−
470
8
× 8 × 10
8
× 8 × 10
10
× 10 × 10 10 × 10 × 14
−−−
680
10
× 10 × 10 10 × 10 × 14
−−−−
1000
10
× 10 × 10 10 × 10 × 14
−−−−−


Similar Part No. - 150CLZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CLZ VISHAY-150CLZ Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
More results

Similar Description - 150CLZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
139CLL VISHAY-139CLL_V01 Datasheet
122Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
01-Jan-2023
logo
EPCOS
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Vishay Siliconix
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
logo
Cornell Dubilier Electr...
AVEK226M06B12T-F CDE-AVEK226M06B12T-F Datasheet
192Kb / 3P
   Very Long Life - 5000 Hours - SMT Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com