Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2350PA Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2350PA
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2350PA Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA2350PA Datasheet HTML 6Page - Burr-Brown (TI) OPA2350PA Datasheet HTML 7Page - Burr-Brown (TI) OPA2350PA Datasheet HTML 8Page - Burr-Brown (TI) OPA2350PA Datasheet HTML 9Page - Burr-Brown (TI) OPA2350PA Datasheet HTML 10Page - Burr-Brown (TI) OPA2350PA Datasheet HTML 11Page - Burr-Brown (TI) OPA2350PA Datasheet HTML 12Page - Burr-Brown (TI) OPA2350PA Datasheet HTML 13Page - Burr-Brown (TI) OPA2350PA Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
10
V
BIAS1
V
BIAS2
V
IN+
V
IN
Class AB
Control
Circuitry
V
O
V
(Ground)
V+
Reference
Current
Figure 2. Simplified Schematic
5k
OPAx350
10mA max
V+
V
IN
V
OUT
I
OVERLOAD
Figure 3. Input Current Protection for Voltages
Exceeding the Supply Voltage
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source
transistors is used to achieve rail-to-rail output. For light
resistive loads (>10k
Ω), the output voltage swing is
typically ten millivolts from the supply rails. With heavier
resistive loads (600
Ω to 10kΩ), the output can swing to
within a few tens of millivolts from the supply rails and
maintain high
open-loop
gain.
See
the
typical
characteristics Output Voltage Swing vs Output Current
and Open-Loop Gain vs Output Voltage.
CAPACITIVE LOAD AND STABILITY
OPA350 series op amps can drive a wide range of
capacitive loads. However, all op amps under certain
conditions
may
become
unstable.
Op
amp
configuration, gain, and load value are just a few of the
factors to consider when determining stability. An op
amp in unity-gain configuration is the most susceptible
to the effects of capacitive load. The capacitive load
reacts with the op amp’s output impedance, along with
any additional load resistance, to create a pole in the
small-signal response that degrades the phase margin.
In unity gain, OPA350 series op amps perform well with
very large capacitive loads. Increasing gain enhances
the amplifier’s ability to drive more capacitance. The
typical
characteristic
Small-Signal
Overshoot
vs
Capacitive Load shows performance with a 1k
resistive load. Increasing load resistance improves
capacitive load drive capability.


Similar Part No. - OPA2350PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2350PA BURR-BROWN-OPA2350PA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2350PA TI1-OPA2350PA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA2350PA TI-OPA2350PA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA2350PA TI1-OPA2350PA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA2350PAG4 TI1-OPA2350PAG4 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com