Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA350PA Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA350PA
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA350PA Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA350PA Datasheet HTML 1Page - Burr-Brown (TI) OPA350PA Datasheet HTML 2Page - Burr-Brown (TI) OPA350PA Datasheet HTML 3Page - Burr-Brown (TI) OPA350PA Datasheet HTML 4Page - Burr-Brown (TI) OPA350PA Datasheet HTML 5Page - Burr-Brown (TI) OPA350PA Datasheet HTML 6Page - Burr-Brown (TI) OPA350PA Datasheet HTML 7Page - Burr-Brown (TI) OPA350PA Datasheet HTML 8Page - Burr-Brown (TI) OPA350PA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = 2.7V to 5.5V (continued)
Boldface limits apply over the temperature range, TA = −40°C to +85°C. VS = 5V.
All specifications at TA = +25°C, RL = 1kΩ connected to VS/2 and VOUT = VS/2, unless otherwise noted.
OPA350, OPA2350, OPA4350
PARAMETER
UNIT
MAX
TYP(1)
MIN
TEST CONDITIONS
OUTPUT
Voltage Output Swing from Rail(4)
VOUT
RL = 10kΩ, AOL ≥ 100dB
10
50
mV
TA = −40°C to +85°C
RL = 10kW, AOL . 100dB
50
mV
RL = 1kΩ, AOL ≥ 100dB
25
200
mV
TA = −40°C to +85°C
RL = 1kW, AOL . 100dB
200
mV
Output Current
IOUT
±40(5)
mA
Short-Circuit Current
ISC
±80
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
POWER SUPPLY
Operating Voltage Range
VS
TA = −40°C to +85°C
2.7
5.5
V
Minimum Operating Voltage
2.5
V
Quiescent Current (per amplifier)
IQ
IO = 0
5.2
7.5
mA
TA = −40°C to +85°C
IO = 0
8.5
mA
TEMPERATURE RANGE
Specified Range
−40
+85
°C
Operating Range
−55
+150
°C
Storage Range
−55
+150
°C
Thermal Resistance
qJA
MSOP-8 Surface Mount
150
°C/W
SO-8 Surface Mount
150
°C/W
DIP-8
100
°C/W
SO-14 Surface Mount
100
°C/W
SSOP-16 Surface Mount
100
°C/W
(1) VS = +5V.
(2) VOUT = 0.25V to 2.75V.
(3) NTSC signal generator used. See Figure 6 for test circuit.
(4) Output voltage swings are measured between the output and power supply rails.
(5) See typical characteristic curve, Output Voltage Swing vs Output Current.


Similar Part No. - OPA350PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350PA BURR-BROWN-OPA350PA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA350PA TI1-OPA350PA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350PA TI-OPA350PA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA350PA TI1-OPA350PA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA350PAG4 TI1-OPA350PAG4 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com