Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4350 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4350
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4350 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA4350 Datasheet HTML 1Page - Burr-Brown (TI) OPA4350 Datasheet HTML 2Page - Burr-Brown (TI) OPA4350 Datasheet HTML 3Page - Burr-Brown (TI) OPA4350 Datasheet HTML 4Page - Burr-Brown (TI) OPA4350 Datasheet HTML 5Page - Burr-Brown (TI) OPA4350 Datasheet HTML 6Page - Burr-Brown (TI) OPA4350 Datasheet HTML 7Page - Burr-Brown (TI) OPA4350 Datasheet HTML 8Page - Burr-Brown (TI) OPA4350 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals(2), Voltage
(V−) − 0.3V to (V+) + 0.3V
. . . . .
Current
10mA
. . . . . . . . . . . . . . . . . . . . . .
Open Short-Circuit Current(3)
Continuous
. . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +150°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−55
°C to +150°C
. . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.3V beyond the supply
rails should be current limited to 10mA or less.
(3) Short-circuit to ground, one amplifier per package.
ELECTROSTATIC DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
SINGLE
OPA350EA
MSOP-8
DGK
−40
°C to +85°C
C50
OPA350EA/250
Tape and Reel, 250
OPA350EA
MSOP-8
DGK
−40
°C to +85°C
C50
OPA350EA/2K5
Tape and Reel, 2500
OPA350UA
SO-8
D
−40
°C to +85°C
OPA350UA
OPA350UA
Rails
OPA350UA
SO-8
D
−40
°C to +85°C
OPA350UA
OPA350UA/2K5
Tape and Reel, 2500
OPA350PA
DIP-8
P
−40
°C to +85°C
OPA350PA
OPA350PA
Rails
DUAL
OPA2350EA
MSOP-8
DGK
−40
°C to +85°C
D50
OPA2350EA/250
Tape and Reel, 250
OPA2350EA
MSOP-8
DGK
−40
°C to +85°C
D50
OPA2350EA/2K5
Tape and Reel, 2500
OPA2350UA
SO-8
D
−40
°C to +85°C
OPA2350UA
OPA2350UA
Rails
OPA2350UA
SO-8
D
−40
°C to +85°C
OPA2350UA
OPA2350UA/2K5
Tape and Reel, 2500
OPA2350PA
DIP-8
P
−40
°C to +85°C
OPA2350PA
OPA2350PA
Rails
QUAD
OPA4350EA
SSOP-16
DBQ
−40
°C to +85°C
OPA4350EA
OPA4350EA/250
Tape and Reel, 250
OPA4350EA
SSOP-16
DBQ
−40
°C to +85°C
OPA4350EA
OPA4350EA/2K5
Tape and Reel, 2500
OPA4350UA
SO-14
D
−40
°C to +85°C
OPA4350UA
OPA4350UA
Rails
OPA4350UA
SO-14
D
−40
°C to +85°C
OPA4350UA
OPA4350UA/2K5
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.


Similar Part No. - OPA4350

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4350 BURR-BROWN-OPA4350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA4350 TI1-OPA4350 Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4350 TI-OPA4350 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
[Old version datasheet]   HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4350EA BURR-BROWN-OPA4350EA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com