Electronic Components Datasheet Search |
|
FK-3000 Datasheet(PDF) 1 Page - Mini-Circuits |
|
FK-3000 Datasheet(HTML) 1 Page - Mini-Circuits |
|
1 / 1 page Output Frequency (MHz) Conversion Loss (dB) Harmonic Output (-dBc) F1 F3 F4 Typical Performance Data FK-3000 HARMONIC OUTPUT 0 20 40 60 80 100 140 712 1284 1856 2428 3000 OUTPUT FREQUENCY (MHz) F1 F3 F4 FK-3000 CONVERSION LOSS 10 11 12 13 14 15 140 712 1284 1856 2428 3000 OUTPUT FREQUENCY (MHz) 140.00 10.32 49.20 51.20 15.70 200.00 10.54 50.60 54.20 15.60 400.00 10.39 43.70 54.10 16.90 900.00 10.94 34.30 46.80 15.60 1000.00 10.91 34.80 47.80 14.90 1400.00 10.69 29.70 43.40 16.90 1800.00 10.56 28.10 39.50 23.10 2000.00 10.82 25.80 33.90 21.70 2400.00 12.43 25.10 42.90 25.60 3000.00 13.30 21.90 29.70 40.20 ISO 9001 ISO 14001 CERTIFIED Mini-Circuits® P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com RF/IF MICROWAVE COMPONENTS minicircuits.com ALL NE W 50 Ω Output 140 to 3000 MHz Frequency Multiplier Outline Dimensions ( ) inch mm Maximum Ratings Outline Drawing Electrical Specifications REV. OR M96953 FK-3000 AD/CP 070403 A B C D E F G H 1.25 1.25 .75 .63 .38 1.000 .125 1.000 31.75 31.75 19.05 16.00 9.65 25.40 3.18 25.40 J K L M N P Q wt -- -- .125 1.688 2.18 .75 .07 grams -- -- 3.18 42.88 55.37 19.05 1.78 70.0 FK-3000 Operating Temperature -55°C to 100°C Storage Temperature -55°C to 100°C RF Input Power 200mW Features • wideband, 140 to 3000 MHz • low insertion loss, 11 dB typ. • rugged shielded case Applications • synthesizers • local oscillators * Harmonic output below power level of F2 CASE STYLE: H16 Connectors Model Price Qty. SMA FK-3000 $79.95 (1-9) BRACKET (OPTION “B”) $2.50 (1+) X2 MULTIPLICATION FACTOR FREQUENCY (MHz) INPUT POWER (dBm) CONVERSION LOSS (dB) *HARMONIC OUTPUT (dBc) F1 F3 F4 Input Output Min. Max. Typ. Max. Typ. Min. Typ. Min. Typ. Min. 2 70-1000 140-2000 12 15 11.0 14.0 31 20 40 25 15 10 1000-1500 2000-3000 12 15 12.0 17.5 22 15 30 20 30 14 |
Similar Part No. - FK-3000 |
|
Similar Description - FK-3000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |