Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE22V10-7JC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # PALCE22V10-7JC
Description  Flash Erasable, Reprogrammable CMOS PAL짰 Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE22V10-7JC Datasheet(HTML) 3 Page - Cypress Semiconductor

  PALCE22V10-7JC Datasheet HTML 1Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 2Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 3Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 4Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 5Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 6Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 7Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 8Page - Cypress Semiconductor PALCE22V10-7JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PALCE22V10
Document #: 38-03027 Rev. **
Page 3 of 13
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage to Ground Potential
(Pin 24 to Pin 12) ........................................... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage............................................ –0.5V to +7.0V
Output Current into Outputs (LOW) .............................16 mA
DC Programming Voltage............................................. 12.5V
Latch-Up Current ..................................................... >200 mA
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................. >2001V
Note:
1.
TA is the “instant on” case temperature.
Macrocell
OUTPUT
SELECT
MUX
AR
SS
10
Q
Q
D
CP
SP
INPUT/
FEEDBACK
MUX
1
S
MACROCELL
1
C
0
C
CE22V10–4
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +75°C
5V
±5%
Industrial
–40
°C to +85°C
5V
±10%
Military[1]
–55
°C to +125°C
5V
±10%


Similar Part No. - PALCE22V10-7JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10-7JC CYPRESS-PALCE22V10-7JC Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE22V10-7JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10L-25PC CYPRESS-PALC22V10L-25PC Datasheet
1Mb / 15P
   Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
   Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com