Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX7206 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX7206
Description  Integrated EMI Filter & ESD Protection for Earpiece Speaker & Microphone Ports
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7206 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX7206 Datasheet HTML 1Page - Microsemi Corporation LX7206 Datasheet HTML 2Page - Microsemi Corporation LX7206 Datasheet HTML 3Page - Microsemi Corporation LX7206 Datasheet HTML 4Page - Microsemi Corporation LX7206 Datasheet HTML 5Page - Microsemi Corporation LX7206 Datasheet HTML 6Page - Microsemi Corporation LX7206 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LX7206
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2004
Rev. 1.0, 2004-10-05
Integrated EMI Filter & ESD Protection for
Earpiece Speaker & Microphone Ports
TM
®
RECOMM END E D PCB PARA METERS
Parameter
Value
Cu pad size
0.275 +0.0/-0.025 mm
Pad Pitch
0.5mm
Pad Definition
Non-Solder Mask Defined
Solder Mask Opening
0.325 ± 0.025 mm
Solder Stencil
0.25 x 0.25 mm square,
0.125 mm thick, laser cut, electro-polished
Pad Protective Finish
OSP (Organic Surface Preservative)
Solder Mask Opening
0.325 mm dia.
Non-Solder Mask Defined Cu
Pad (OSP finish)
0.275 mm dia.
Figure 1 – Recommended Non-Solder Mask Defined Pad
Time (s)
150 oC
183 oC
240 oC max
~ 1min
~2 min
~ 1min
Cooling Zone
Preheat Zone
Flux Activation
Zone
Solder Reflow
Zone
Figure 2 – Solder Reflow Profile. Maximum temperature is 240°C and maximum time above liquidous (183°C) is 60
seconds.


Similar Part No. - LX7206

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-15ISF MICROSEMI-LX7201-15ISF Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-22ISF MICROSEMI-LX7201-22ISF Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
LX7202-15ISF MICROSEMI-LX7202-15ISF Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results

Similar Description - LX7206

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP3202A SEMTECH-ECLAMP3202A Datasheet
176Kb / 6P
   ESD/EMI Protection for Microphone Ports
ECLAMP1002A SEMTECH-ECLAMP1002A Datasheet
174Kb / 6P
   ESD/EMI Protection for Speaker Ports
logo
ON Semiconductor
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7202 MICROSEMI-LX7202 Datasheet
280Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
logo
STMicroelectronics
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6 Datasheet
323Kb / 10P
   2-line IPAD, EMI filter and ESD protection for microphone
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6_11 Datasheet
330Kb / 11P
   2-line IPAD?? EMI filter and ESD protection for microphone
EMIF02-SPK01M6 STMICROELECTRONICS-EMIF02-SPK01M6 Datasheet
165Kb / 11P
   2-line IPAD?? EMI filter and ESD protection for speaker
logo
California Micro Device...
CM1412 CALMIRCO-CM1412 Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com