Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX1011BI-EL1G Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PX1011BI-EL1G
Description  PCI Express stand-alone X1 PHY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PX1011BI-EL1G Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PX1011BI-EL1G Datasheet HTML 3Page - NXP Semiconductors PX1011BI-EL1G Datasheet HTML 4Page - NXP Semiconductors PX1011BI-EL1G Datasheet HTML 5Page - NXP Semiconductors PX1011BI-EL1G Datasheet HTML 6Page - NXP Semiconductors PX1011BI-EL1G Datasheet HTML 7Page - NXP Semiconductors PX1011BI-EL1G Datasheet HTML 8Page - NXP Semiconductors PX1011BI-EL1G Datasheet HTML 9Page - NXP Semiconductors PX1011BI-EL1G Datasheet HTML 10Page - NXP Semiconductors PX1011BI-EL1G Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
PX1011B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 19 March 2008
7 of 30
NXP Semiconductors
PX1011B
PCI Express stand-alone X1 PHY
Table 8.
PXPIPE interface status signals
Symbol
Pin
Type
Signaling
Description
RXVALID
C8
output
SSTL_2
indicates symbol lock and valid data on
RX_DATA and RX_DATAK
PHYSTATUS
D8
output
SSTL_2
used to communicate completion of several PHY
functions including power management state
transitions and receiver detection
RXIDLE
A2
output
SSTL_2
indicates receiver detection of an electrical idle;
this is an asynchronous signal
RXSTATUS0
A9
output
SSTL_2
encodes receiver status and error codes for the
received data stream and receiver detection (see
Table 14)
RXSTATUS1
B9
output
SSTL_2
RXSTATUS2
C9
output
SSTL_2
Table 9.
Clock and reference signals
Symbol
Pin
Type
Signaling
Description
TXCLK
J8
input
SSTL_2
source synchronous 250 MHz transmit clock
input from MAC. All input data and signals to the
PHY are synchronized to this clock.
RXCLK
A8
output
SSTL_2
source synchronous 250 MHz clock output for
received data and status signals bound for the
MAC.
REFCLK_P
B1
input
PCIe I/O
100 MHz reference clock input. This is the
spread spectrum source clock for PCI Express.
Differential pair input with 50
Ω on-chip
termination.
REFCLK_N
C1
input
PCIe I/O
PVT
D6
-
analog I/O
input or output to create a compensation signal
internally that will adjust the I/O pads
characteristics as PVT drifts. Connect to VDD
through a 49.9
Ω resistor.
VREFS
J2
input
reference voltage input for SSTL_2 class I
signaling. Connect to 1.25 V.
Table 10.
3.3 V JTAG signals
Symbol
Pin
Type
Signaling
Description
TMS
E4
input
3.3 V CMOS
test mode select input
TRST_N
F4
input
3.3 V CMOS
test reset input for the JTAG interface;
active LOW
TCK
F3
input
3.3 V CMOS
test clock input for the JTAG interface
TDI
G3
input
3.3 V CMOS
test data input
TDO
H3
output
3.3 V CMOS
test data output


Similar Part No. - PX1011BI-EL1G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PX1011BI-EL1 NXP-PX1011BI-EL1 Datasheet
396Kb / 32P
   PCI Express stand-alone X1 PHY Receiver detection
Rev. 5-18 April 2011
PX1011BI-EL1/G NXP-PX1011BI-EL1/G Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
More results

Similar Description - PX1011BI-EL1G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
   PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
PX1011B NXP-PX1011B_11 Datasheet
396Kb / 32P
   PCI Express stand-alone X1 PHY Receiver detection
Rev. 5-18 April 2011
PX1041A NXP-PX1041A Datasheet
179Kb / 36P
   PCI Express stand-alone X4 PHY
Rev. 01 - 21 June 2007
logo
GENESYS LOGIC
GL9711 GENESYS-GL9711 Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
[Old version datasheet]   X1 PCI Express Serial Link
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
[Old version datasheet]   X1 PCI Express Serial Link
logo
PHOENIX CONTACT
2730213 PHOENIX-2730213 Datasheet
50Kb / 1P
   Connection element - IBS PCI STAND ALONE CONNECTOR
11/05/2018
logo
AAEON Technology
PER-T099 AAEON-PER-T099 Datasheet
205Kb / 1P
   PCI-Express [x1] (SINGLE LANE) Slot Or PCI-Express Mini Card Slot
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com