Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6643MAXEP Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6643MAXEP
Description  Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MAXEP Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6643MAXEP Datasheet HTML 1Page - National Semiconductor (TI) LMH6643MAXEP Datasheet HTML 2Page - National Semiconductor (TI) LMH6643MAXEP Datasheet HTML 3Page - National Semiconductor (TI) LMH6643MAXEP Datasheet HTML 4Page - National Semiconductor (TI) LMH6643MAXEP Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MAXEP Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MAXEP Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MAXEP Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MAXEP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
±5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V= −5V, V
CM =VO = 0V and RL =2k
Ω to ground.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
i
n
Input-Referred Current Noise
f = 100kHz
0.90
pA/
f = 1kHz
3.3
THD
Total Harmonic Distortion
f = 5MHz, V
O =2VPP,AV = +2
−62
dBc
DG
Differential Gain
NTSC, A
V =+2
R
L =150
Ω to V+/2
0.15
%
R
L =1k
Ω to V+/2
0.01
DP
Differential Phase
NTSC, A
V =+2
R
L =150
Ω to V+/2
0.04
deg
R
L =1k
Ω to V+/2
0.01
CT Rej.
Cross-Talk Rejection
f = 5MHz, Receiver:
R
f =Rg = 510
Ω,A
V =+2
47
dB
T
S
Settling Time
V
O =2VPP, ±0.1%, 8pF Load,
V
S =5V
68
ns
SR
Slew Rate (Note 11)
A
V = −1, VI =2VPP
100
135
V/µs
V
OS
Input Offset Voltage
±1
±5
±7
mV
TC V
OS
Input Offset Average Drift
(Note 15)
±5
µV/˚C
I
B
Input Bias Current
(Note 10)
−1.60
−2.60
−3.25
µA
I
OS
Input Offset Current
20
800
1000
nA
R
IN
Common Mode Input
Resistance
3
M
C
IN
Common Mode Input
Capacitance
2
pF
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50dB
−5.5
−5.2
−5.1
V
3.8
3.6
4.0
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from −5V to 3.5V
74
95
dB
A
VOL
Large Signal Voltage Gain
V
O = −4.5V to 4.5V,
R
L =2k
88
84
96
dB
V
O = −4.0V to 4.0V,
R
L = 150
78
74
82
V
O
Output Swing
High
R
L =2k
Ω,V
ID = 200mV
4.90
4.96
V
R
L = 150
Ω,V
ID = 200mV
4.65
4.80
Output Swing
Low
R
L =2k
Ω,V
ID = −200mV
−4.96
−4.90
V
R
L = 150
Ω,V
ID = −200mV
−4.80
−4.65
I
SC
Output Short Circuit Current
Sourcing to Ground
V
ID = 200mV (Note 13)
60
35
115
mA
Sinking to Ground
V
ID = −200mV (Note 13)
85
65
145
I
OUT
Output Current
V
O = 0.5V from either supply
±75
mA
PSRR
Power Supply Rejection Ratio
(V
+,V) = (4.5V, −4.5V) to (5.5V,
−5.5V)
78
90
dB
I
S
Supply Current (per channel)
No Load
2.70
4.50
5.50
mA
www.national.com
5


Similar Part No. - LMH6643MAXEP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6643MAX NSC-LMH6643MAX Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MAX TI-LMH6643MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MAX TI-LMH6643MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MAX TI-LMH6643MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6643MAX NSC-LMH6643MAX Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6643MAXEP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com