Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMX1-173-5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMX1-173-5
Description  Small Multi-channel VHF Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMX1-173-5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMX1-173-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMX1-173-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMX1-173-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMX1-173-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMX1-173-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMX1-173-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMX1-173-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMX1-173-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Radiometrix Ltd
SMX1 Data Sheet
page 4
5. RS232 input pins (6a and 7a) tolerate true +/- levels. No buffering is required.
6. If analogue transmit modulation is needed, then connect a series 1
µF cap + 500kΩ trimmer in the
‘baseband in’ circuit. Adjust trimmer for 90% of peak deviation (+/- 2.7KHz) at mean input level.
7.
If parallel channel select is not wanted, the 4 pin connector 'b' can be removed
8.
For UK version the following channel assignment is supplied:
9.
For Australian version the following channel assignment is supplied:
Channel
Frequency (MHz)
0
173.250
1
173.275
2
173.300
3
173.325
4 -7
173.225 (only used for alarm applications)
8 - 127
173.325
Channel
Frequency (MHz)
N vlaue
0
150.825
/LOAD 00 6033
1
150.850
/LOAD 01 6034
2
150.875
/LOAD 02 6035
3
150.900
/LOAD 036036
4
150.925
/LOAD 04 6037
5
150.950
/LOAD 05 6038
6
150.975
/LOAD 06 6039
7
151.000
/LOAD 07 6040
8
151.025
/LOAD 08 6041
9
151.050
/LOAD 09 6042
10
151.075
/LOAD 10 6043
11
151.100
/LOAD 11 6044
12
151.125
/LOAD 12 6045
13
151.150
/LOAD 13 6046
14
151.175
/LOAD 14 6047
15
151.200
/LOAD 15 6048
16
151.225
/LOADTB 6049
17 - 65
in sequence starting at CH 17 (151.250)


Similar Part No. - SMX1-173-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SMX1-173-5 RADIOMETRIX-SMX1-173-5 Datasheet
236Kb / 8P
   Small Multi-channel VHF Transceiver
SMX1-173-5 RADIOMETRIX-SMX1-173-5 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
SMX1-173-5-12K5-FCC RADIOMETRIX-SMX1-173-5-12K5-FCC Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
More results

Similar Description - SMX1-173-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SMX1-173-5 RADIOMETRIX-SMX1-173-5 Datasheet
236Kb / 8P
   Small Multi-channel VHF Transceiver
QPX1 RADIOMETRIX-QPX1_12 Datasheet
303Kb / 8P
   2 Watt Multi-channel VHF Transceiver
QPX1 RADIOMETRIX-QPX1 Datasheet
145Kb / 7P
   2 Watt Multi-channel VHF Transceiver
SMX2-433-5 RADIOMETRIX-SMX2-433-5 Datasheet
232Kb / 7P
   Small Multi-channel UHF Transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
ENX1 RADIOMETRIX-ENX1 Datasheet
264Kb / 11P
   VHF 12.5kHz channel NBFM TRANSCEIVER
logo
List of Unclassifed Man...
IC-M59 ETC-IC-M59 Datasheet
545Kb / 36P
   VHF MARINE TRANSCEIVER
logo
Radiometrix Ltd
M48-144-SHX1 RADIOMETRIX-M48-144-SHX1 Datasheet
311Kb / 11P
   500mW VHF NBFM multi channel radio modem
logo
Texas Instruments
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com