Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83195BG-341 Datasheet(PDF) 18 Page - Winbond

Part # W83195BG-341
Description  WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195BG-341 Datasheet(HTML) 18 Page - Winbond

Back Button W83195BG-341 Datasheet HTML 14Page - Winbond W83195BG-341 Datasheet HTML 15Page - Winbond W83195BG-341 Datasheet HTML 16Page - Winbond W83195BG-341 Datasheet HTML 17Page - Winbond W83195BG-341 Datasheet HTML 18Page - Winbond W83195BG-341 Datasheet HTML 19Page - Winbond W83195BG-341 Datasheet HTML 20Page - Winbond W83195BG-341 Datasheet HTML 21Page - Winbond W83195BG-341 Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
W83195BR-341/W83195BG-341
CLOCK GEN. FOR VIA P4/KT SERIES CHIPSET
- 14 -
7.16 Register 16: DRAM Buffer Control (1 = Enable, 0 = Disable) (Default: 7Fh)
BIT
NAME
PWD
FUNCTION DESCRIPTION
7
Reserve
0
Reserve
6
FBOUT_EN
1
FBOUT output control
5
DDR5
1
DDRT5, DDRC5 / SDRAM10, 11 output control
4
DDR4
1
DDRT4, DDRC4 / SDRAM8, 9 output control
3
DDR3
1
DDRT3, DDRC3 / SDRAM6, 7 output control
2
DDR2
1
DDRT2, DDRC2 / SDRAM4, 5 output control
1
DDR1
1
DDRT1, DDRC1 / SDRAM2, 3 output control
0
DDR0
1
DDRT0, DDRC0 / SDRAM0, 1 output control
7.17 Register 17: Slew Rate Control (Default: CFh)
BIT
NAME
PWD
FUNCTION DESCRIPTION
7
FBOUT_S2
1
6
FBOUT_S1
1
FBOUT slew rate control
11: Strong, 00: Weak, 10/01: Normal
5
CPUOD_S2
0
4
CPUOD_S1
0
CPUODT/C slew rate control
11: Strong, 00: Weak, 10/01: Normal
3
DDR3_S2
1
2
DDR3_S1
1
DDR3, 4,5/SDRAM6, 7,8,9,10,11 slew rate control
11: Strong, 00: Weak, 10/01: Normal
1
DDR0_S2
1
0
DDR0_S1
1
DDR0, 1,2/SDRAM 0,1,2,3,4,5 slew rate control
11: Strong, 00: Weak, 10/01: Normal
7.18 Register 18: M/N Time & Type Control (Default: 5Bh)
BIT
NAME
PWD
FUNCTION DESCRIPTION
7
N_Time<2>
0
6
N_Time<1>
1
5
N_Time<0>
0
M/N mode N value change time control
4
M_Time<2>
1
3
M_Time<1>
1
2
M_Time<0>
0
M/N mode M value change time control
1
N_TYPE
1
Reserved for Winbond internal use, don’t modify it
0
M_TYPE
1
Reserved for Winbond internal use, don’t modify it
Note: This Byte only for Winbond internal and BOIS program use, the release version please reserved
this byte.


Similar Part No. - W83195BG-341

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BG-101 WINBOND-W83195BG-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
W83195BG-118 WINBOND-W83195BG-118 Datasheet
361Kb / 28P
   Clock Generator
More results

Similar Description - W83195BG-341

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83176R-733 WINBOND-W83176R-733 Datasheet
287Kb / 14P
   Winbond Dual Bank DDR BUFFER For VIA CHIPSET
logo
Renesas Technology Corp
HD151TS206SS RENESAS-HD151TS206SS Datasheet
193Kb / 34P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
HD151TS207SS RENESAS-HD151TS207SS Datasheet
210Kb / 38P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
logo
Winbond
W83195CG-NP WINBOND-W83195CG-NP Datasheet
556Kb / 23P
   Winbond Clock Generator
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com